Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALI-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7DALI-EVAL
Description  ST7DALI-EVAL evaluation kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALI-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  ST7DALI-EVAL Datasheet HTML 1Page - STMicroelectronics ST7DALI-EVAL Datasheet HTML 2Page - STMicroelectronics ST7DALI-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18072 Rev 1
1/3
3
ST7DALI-EVAL
ST7DALI-EVAL evaluation kit
Features
Master board with:
– preprogrammed ST72334x
– power supply
– serial port for host PC connection
2 slave boards with:
– preprogrammed ST7DALI microcontrollers
implementing the DALI communication
interface
– 1 to 10 V output (standard dimmable
ballast input)
– 12 V power supply connector
Software CD-ROM for installation of the
lighting control interface software
Description
The ST7DALI-EVAL evaluation kit provides a
complete evaluation and demonstration platform
for the on-chip lighting control features of the
ST7DALI device.
The ST7DALI devices integrate the DALI
Communication Module (DCM) for serial
communication with controllable electronic
ballasts, which provide the required starting
voltage and operating current for fluorescent,
mercury and other electric-discharge lamps.
The DCM uses IEC standard DALI (Digital
Addressable Lighting Interface) communications
(based on the bi-phase Manchester
asynchronous serial data format).
To help developers implement the ST7DALI to
control lighting networks, the ST7DALI-EVAL
provides a complete software/hardware
application for networking up to 64 ST7DALI-
based lighting control slave boards and testing
the various DALI lighting control commands from
an easy-to-use, PC-based software interface.
When developers are ready to create their own
applications, the kit serves as a reference design
for a DALI gateway topology.
Table 1.
Device summary
Order code
Reference
ST7DALI-EVAL
ST7DALI evaluation kit
www.st.com


Similar Part No. - ST7DALI-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST7DALIF2 STMICROELECTRONICS-ST7DALIF2 Datasheet
1Mb / 171P
Configurable watchdog timer
February 2009 Rev 3
More results

Similar Description - ST7DALI-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM8T141-EVAL STMICROELECTRONICS-STM8T141-EVAL Datasheet
67Kb / 3P
STM8T141-EVAL evaluation kit
14-Oct-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
logo
ams AG
AS6200 AMSCO-AS6200_V01 Datasheet
690Kb / 13P
Eval Kit Manual
2017-Dec-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com