Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7232X-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7232X-EVAL
Description  Insem?셲 ST-STEP64 Evaluation Board for ST7232x and ST7252x
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232X-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  ST7232X-EVAL Datasheet HTML 1Page - STMicroelectronics ST7232X-EVAL Datasheet HTML 2Page - STMicroelectronics ST7232X-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA BRIEF
For further information contact your local STMicroelectronics sales office.
Rev 1
December 2005
1/3
3
ST7232X-EVAL
Insem’s ST-STEP64 Evaluation Board for ST7232x and ST7252x
The
Insem
ST-STEP64
Evaluation
Board
(ST7232X-EVAL) is an adaptable, full-featured
evaluation board that allows you to try out the
features of the ST7232x and ST7252x, and
develop applications for these microcontrollers. Its
innovative design allows stand-alone operation
(application running on the included ST72F521R
microcontroller), or operation while connected to
your host-PC using the low-cost ST7MDT20-
DVP3 emulator.
Evaluation Board Architecture
ST-STEP64 evaluation board – a full-featured
evaluation board (PWM, LCD, I2C, UART, SPI,
CAN,
potentiometer,
LEDs,
I/Os,...
etc.),
it
includes connectors and accessories to facilitate
switching
between
operation
with
a
microcontroller or the ST7MDT20-DVP3 emulator.
The ST-STEP64 also integrates a 10-pin ICC
connector
for
easy
programming
of
the
microcontroller using an in-circuit programming
tool for ST7.
TQFP64
14x14
Core
Module
with
ST72F521R9T – included daughter board with
ST72F521R97 that makes it possible to run your
application
in
stand-alone
mode
on
the
microcontroller.
Also Includes pre-wired daughter board PCBs,
ready for mounting of connectors and supported
MCUs in TQFP80 (14x14), TQFP64 (10x10) and
TQFP32, so that you can make your own Core
Module for an ST7232x or ST7252x.
ST7MDT20-DVP3 emulator (not included) – this
low-cost ST7-DVP3 series emulator provides a
hardware interface with the host PC for debugging
application software and in-circuit programming of
the
ST72F521R97
or
other
ST7
flash
microcontroller. The evaluation board comes with
the additional flat cable and the adapter required
for connection to an ST7MDT20-DVP3 emulator.
For more information about the ST7MDT20-
DVP3, please refer to the
ST7-DVP3 Data Brief.
ST7
Visual
Develop
(STVD7)
–
the
free
integrated development environment for ST7
featuring simulator and full integration of Cosmic
and Metrowerks C toolsets. STVD7 runs on the
host PC, allowing you to debug applications with
an emulator, or to in-circuit program an application
to the target ST7 and in-circuit debug the
application while it runs on the ST7 on your
evaluation board.
For more information, please refer to
AN978 ST7
Visual Develop Key Features.
Key Features
ST-STEP64 Evaluation board:
The ST-STEP64 includes a complete range of
features for evaluating the ST7232x and ST7252x
microcontrollers, including:
Figure 1.
ST-STEP64 evaluation board
www.st.com


Similar Part No. - ST7232X-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7232X-SK/RAIS STMICROELECTRONICS-ST7232X-SK/RAIS Datasheet
76Kb / 4P
Raisonance?셲 complete, low-cost starter kits for ST7
21-Jun-2006
More results

Similar Description - ST7232X-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
Evaluation Board User?셲 Manual
September 27, 2006
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
Evaluation Board User?셲 Guide
May 25, 2010
ISL281X7SOICEVAL1Z INTERSIL-ISL281X7SOICEVAL1Z Datasheet
206Kb / 4P
Evaluation Board User?셲 Guide
November 9, 2009
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
Evaluation Board User?셲 Guide
November 6, 2009
ISL28210SOICEVAL1Z INTERSIL-ISL28210SOICEVAL1Z Datasheet
344Kb / 4P
ISL28210SOICEVAL1Z Evaluation Board User?셲 Guide
October 1, 2010
ISL28233MSOPEVAL2Z INTERSIL-ISL28233MSOPEVAL2Z Datasheet
383Kb / 4P
ISL28233MSOPEVAL2Z Evaluation Board User?셲 Guide
October 5, 2010
logo
STMicroelectronics
UM0839 STMICROELECTRONICS-UM0839 Datasheet
822Kb / 32P
ST L9942 evaluation board
19-Sep-2013
logo
Microchip Technology
EVB-LAN9353 MICROCHIP-EVB-LAN9353 Datasheet
1Mb / 43P
EVB-LAN9353 Evaluation Board User?셲 Guide
01/27/15
PAC1934 MICROCHIP-PAC1934 Datasheet
1Mb / 45P
Evaluation Board (ADM00805) User?셲 Guide
11/07/16
EVB-KSZ9893 MICROCHIP-EVB-KSZ9893 Datasheet
8Mb / 32P
Evaluation Board User?셲 Guide
08/15/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com