Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G86L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G86L-S08-R
Description  This device has power-down protective circuit, preventing device destruction when it is powered down.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G86L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G86L-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G86L-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G86L-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G86L-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G86L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC UT138FF/FG
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R401-020,B
TRIACS
DESCRIPTION
Glass passivated triacs in a full pack plastic envelope, intended
for use in applications requiring high bidirectional transient and
blocking voltage capability and high thermal cycling performance.
Typical applications include motor control, industrial and
domestic lighting, heating and static switching.
SYMBOL
MT2
MT1
G
TO-220F
1
1:MT1
2:MT2
3:GATE
ABSOLUTE MAXIMUM RATINGS ( Tj=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Repetitive Peak Off-State Voltages
UT138FF/FG-5
UT138FF/FG-6
UT138FF/FG-8
VDRM
500*
600*
800
V
RMS On-state Current
(Full sine wave, Ths≤56
°C)
IT(RMS)
12
A
Non-repetitive Peak. On-State Current
(Full sine wave, Tj=125
°C prior to surge, with reapplied
VDRM(max)
t=20ms
t=16.7ms
ITSM
90
100
A
I2t For Fusing
(t=10ms)
I2t
40
A2s
Repetitive Rate of Rise of On-state Current after Triggering
(ITM=20A,IG=0.2A, dIG/dt=0.2A/
µs)
T2+ G+
T2+ G-
T2- G-
T2- G+
dIT/dt
50
50
50
10
A/
µs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (over any 20ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-40~150
°C
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch
to the on-state. The rate of rise of current should not exceed 15A/
µs.


Similar Part No. - U74LVC2G86L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G86G-S08-R UTC-U74LVC2G86G-S08-R Datasheet
199Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - U74LVC2G86L-S08-R

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R26-900-BGL OKAYA-R26-900-BGL Datasheet
626Kb / 2P
SPD (Surge Protective Device)
logo
Bourns Electronic Solut...
1320 BOURNS-1320 Datasheet
259Kb / 2P
DC Power Surge Protective Device
logo
STMicroelectronics
STS12N3LLH5 STMICROELECTRONICS-STS12N3LLH5 Datasheet
532Kb / 13P
This device is an N-channel Power
07-Jun-2012
logo
Nanjing International G...
ESDPSA0603V05 DGNJDZ-ESDPSA0603V05 Datasheet
1Mb / 5P
this device is an ultra low capacitance
logo
Sangdest Microelectroni...
82CNQ030 SMC-82CNQ030 Datasheet
226Kb / 5P
This is a Pb ??Free Device
401CNQ SMC-401CNQ Datasheet
201Kb / 4P
This is a Pb ??Free Device
logo
Linear Technology
LT4294 LINER-LT4294 Datasheet
786Kb / 10P
IEEE 802.3bt Powered Device
logo
Maxim Integrated Produc...
MAXREFDES108 MAXIM-MAXREFDES108 Datasheet
522Kb / 13P
MAXREFDES108#: NON POWERED DEVICE POWER SUPPLY
MAXREFDES98 MAXIM-MAXREFDES98 Datasheet
535Kb / 12P
MAXREFDES98#: NON POWERED DEVICE POWER SUPPLY
logo
Shanghai Leiditech Elec...
SEDA LEIDITECH-SEDA Datasheet
567Kb / 3P
It is an open circuit protection device dedicated to LED circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com