Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74ACT240L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74ACT240L-P20-R
Description  The U74ACT240 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT240L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74ACT240L-P20-R Datasheet HTML 1Page - Unisonic Technologies U74ACT240L-P20-R Datasheet HTML 2Page - Unisonic Technologies U74ACT240L-P20-R Datasheet HTML 3Page - Unisonic Technologies U74ACT240L-P20-R Datasheet HTML 4Page - Unisonic Technologies U74ACT240L-P20-R Datasheet HTML 5Page - Unisonic Technologies U74ACT240L-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74ACT240
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-785.A
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=5±0.5V, CL=50pF, RL=500Ω
1.5
6
8.5
Propagation delay from input A to output
Y, tpd
tPLH
tPHL
VCC=5±0.5V, CL=50pF, RL=500Ω
1.5
5.5
7.5
ns
VCC=5±0.5V, CL=50pF, RL=500Ω
1.5
7
8.5
Propagation delay from input OE to
output Y, ten
tPZH
tPZL
VCC=5±0.5V, CL=50pF, RL=500Ω
2
7
9.5
ns
VCC=5±0.5V, CL=50pF, RL=500Ω
2
8
9.5
Propagation delay from input OE to
output Y, tdis
tPHZ
tPLZ
VCC=5±0.5V, CL=50pF, RL=500Ω
2.5
6.5
10
ns
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP UNIT
Power dissipation capacitance per
buffer/driver
Cpd
VCC = 5V, f=1MHz, CL=50pF
45
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com