Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G02L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G02L-S08-R
Description  The UTC U74LVC2G02 is a dual 2-input positive-NOR gate which provides the function Y=AB or Y=AB .
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G02L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G02L-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G02L-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G02L-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G02L-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G02L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G02
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-790.A
DUAL 2-INPUT POSITIVE-NOR
GATE
DESCRIPTION
The UTC U74LVC2G02 is a dual 2-input positive-NOR gate
which provides the function
Y=A+B or Y=A+B .
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operation Voltage Range: 1.65~5.5V
* Low Power Dissipation: ICC=10μA(Max)
* High Speed: tpd=4.9ns(VCC=3.3V)
* Specified from -40 to +85°C
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
U74LVC2G02L-S08-R
U74LVC2G02G-S08-R
SOP-8
Tape Reel
U74LVC2G02L-S08-T
U74LVC2G02G-S08-T
SOP-8
Tube


Similar Part No. - U74LVC2G02L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G02L-S08-R UTC-U74LVC2G02L-S08-R Datasheet
171Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G02L-S08-R UTC-U74LVC2G02L-S08-R Datasheet
165Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - U74LVC2G02L-S08-R

ManufacturerPart #DatasheetDescription
logo
ams AG
OA31 AMSCO-OA31 Datasheet
9Kb / 1P
OA31 is an OR / AND circuit providing the logical function Q = [ (ABC)D ]
OA211 AMSCO-OA211 Datasheet
9Kb / 1P
OA211 is an OR / AND circuit providing the logical function Q = [ (AB).C.D ].
logo
List of Unclassifed Man...
ON21 ETC1-ON21 Datasheet
10Kb / 1P
ON21 is an OR / NAND circuit providing the logical function Q = NOT ( (AB) C )
logo
Torex Semiconductor
XC74UL02AA TOREX-XC74UL02AA Datasheet
102Kb / 3P
The XC74UL02AA is a 2-input CMOS NOR gate, manufactured using silicon gate CMOS fabrication.
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A Datasheet
195Kb / 6P
The U74LVC86A is a quad 2-input exclusive OR gate which performs the function Y=A ?뷓 or Y=AB AB . It is designed for 1.2V to 3.6V operation.
logo
SL Power Electronics
GEM750 SLPOWER-GEM750 Datasheet
116Kb / 2P
Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an alpha character A, B or T which represents the Output Connector...
logo
Texas Instruments
SN74AC04DRG4 TI-SN74AC04DRG4 Datasheet
1Mb / 20P
The ?쁀C04 devices contain six independent inverters. The devices perform the Boolean function Y = A.
SN74AHCT1G04DCKR TI-SN74AHCT1G04DCKR Datasheet
867Kb / 13P
The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
logo
THine Electronics, Inc.
THCS134 THINE-THCS134 Datasheet
600Kb / 19P
The THCS134 provides a function to serialize
logo
Tyco Electronics
408-10256 MACOM-408-10256 Datasheet
427Kb / 4P
The die set is a replaceable die assembly with three crimping areas which are marked with the letters R,B,and Y.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com