Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G132L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G132L-S08-R
Description  DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G132L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G132L-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G132L-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G132L-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G132L-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G132L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC2G132
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-795.A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
VCC =1.65V ~ 5.5V, IOH=-100μA
VCC-0.1
V
VCC =1.65V, IOH=-4mA
1.2
VCC =2.3V, IOH=-8mA
1.9
VCC =3.0V, IOH=-16mA
2.4
VCC =3.0V, IOH=-24mA
2.3
VCC =4.5V, IOH=-32mA
3.8
Low-Level Output Voltage
VOL
VCC =1.65V ~ 5.5V, IOH=100μA
0.1
V
VCC =1.65V, IOH=4mA
0.45
VCC =2.3V, IOH=8mA
0.3
VCC =3.0V, IOH=16mA
0.4
VCC =3.0V, IOH=24mA
0.55
VCC =4.5V, IOH=32mA
0.55
Input Leakage Current
(A or B port)
II(LEAK)
VCC =1.65V ~ 5.5V,
VIN=VCC or GND
±1
μA
Power OFF Leakage Current
IOFF
VCC =0V, VIN or VOUT=5.5V
±10
μA
Quiescent Supply Current
IQ
VCC =1.65V ~ 5.5V,
VIN=5.5V or GND, IOUT=0
10
μA
Additional Quiescent Supply
Current
ΔIQ
VCC =3V ~ 5.5V, One input at
VCC-0.6V, other inputs at VCC or
GND
500
μA
Input Capacitance
CIN
VCC =3.3V, VIN=VCC or GND
3.5
pF
SWITCHING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input (A
or B) to output(Y)
tPLH/tPHL
VCC=1.8V±0.15V, CL=15pF
4
16
ns
VCC=1.8V±0.15V, CL=30pF
4
16
ns
VCC=2.5V±0.2V, CL=15pF
2.5
7
ns
VCC=2.5V±0.2V, CL=30pF
3
7.5
ns
VCC=3.3V±0.3V, CL=15pF
2
5.3
ns
VCC=3.3V±0.3V, CL= 50pF
2
6
ns
VCC=5V±0.5V, CL=15pF
1.5
4.4
ns
VCC=5V±0.5V, CL= 50pF
2
5
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=3.3V, f=10MHZ
18
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com