Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC74L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AC74L-S14-R
Description  POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC74L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AC74L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 5Page - Unisonic Technologies U74AC74L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AC74
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-800.A
DUAL
POSITIVE-EDGE-TRIGGERED
D-TYPE FLIP-FLOP WITH
CLEAR AND PRESET
DESCRIPTION
The U74AC74 is a dual positive-edge-triggered D-type flip-flop.
The preset ( PRE ) and clear ( CLR ) input can set or reset the
output at a low level ,regardless of the level of others inputs .when
the PRE and CLR are inactive(high), data at the data D input
meeting the set-up time requirements is transferred to the outputs
on the positive-going edge of the clock pulse. Following the
hold-time interval, data D can be changed without affecting the
levels at the outputs.
FEATURES
* Operating voltage rauge: VCC(OPR)=2V to 6V.
* Inputs accept voltages to 6V
* Max tpd at 10ns of 5V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AC74L-S14-R
U74AC74G-S14-R
SOP-14
Tape Reel


Similar Part No. - U74AC74L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC74L-S14-R UTC-U74AC74L-S14-R Datasheet
170Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Similar Description - U74AC74L-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
355Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74 TI-SN74AUC1G74 Datasheet
266Kb / 12P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_08 Datasheet
440Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
451Kb / 12P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI1-SN74LVC2G74_18 Datasheet
1Mb / 25P
Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com