Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC74G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AC74G-S14-R
Description  POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC74G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AC74G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AC74G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AC74G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AC74G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AC74G-S14-R Datasheet HTML 5Page - Unisonic Technologies U74AC74G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74AC74
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-800.A
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~ VCC+0.5
V
Output Voltage(active mode)
VOUT
-0.5~VCC+0.5
V
Input Clamp Current(VIN<0)
IIK
-20(MIN)
mA
Output Clamp Current(VOUT<0)
IOK
±20
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±200
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
6
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
High-level input voltage
VIH
VCC =3V
2.1
V
VCC=4.5V
3.15
VCC =5.5V
3.85
Low-level input voltage
VIL
VCC=3V
0.9
V
VCC =4.5V
1.35
VCC=5.5V
1.65
High-level Output Current
IOH
VCC =3V
-12
mA
VCC=4.5V
-24
VCC =5.5V
-24
Low-level Output Current
IOL
VCC=3V
12
mA
VCC =4.5V
24
VCC=5.5V
24
Input Transition Rise or Fall Rate
Δt/Δv
8
ns/V
Operating Temperature
TA
-40
+85
°C
STATIC CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
IOH=-50uA
VCC=3V
2.9
V
VCC=4.5V
4.4
VCC=5.5V
5.4
IOH=-12mA
VCC=3V
2.56
IOH=-24mA
VCC=4.5V
3.86
VCC=5.5V
4.86
Low-Level Output Voltage
VOL
IOL=-50uA
VCC=3V
0.1
V
VCC=4.5V
0.1
VCC=5.5V
0.1
IOL=12mA
VCC=3V
0.36
IOL=24mA
VCC=4.5V
0.36
VCC=5.5V
0.36
Input Leakage Current
II(LEAK)
VCC =0V ~ 5.5V, VIN=VCC or GND
±0.1
μA
Quiescent Supply Current
ICC
VCC = 5.5V, VIN=5.5V or GND
IOUT=0
2
Input Capacitance
CIN
VCC =3.3V, VIN=VCC or GND
3
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com