Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT34G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT34G-S14-R
Description  HEX BUFFER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT34G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT34G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT34G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT34G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT34G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT34
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-801.A
HEX BUFFER
DESCRIPTION
The U74AHCT34 devices contain six independent buffer and
they perform function Y=A.
The U74AHCT34 is characterized for operation from -40°C to
85°C.
FEATURES
* Enhanced-Performance Implanted CMOS Process
* Inputs are TTL-Voltage compatible
* Package Options Include Plastic
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHCT34L-S14-R
U74AHCT34G-S14-R
SOP-14
Tape Reel


Similar Part No. - U74AHCT34G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT34G-S14-R UTC-U74AHCT34G-S14-R Datasheet
136Kb / 4P
HEX BUFFER
More results

Similar Description - U74AHCT34G-S14-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
Hex Buffer
February, 2005 ??Rev. 5
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
Hex Buffer
March, 2006 -- Rev. 4
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
Hex Buffer
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
HEX BUFFER
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
HEX BUFFER
Sep-2001
logo
Unisonic Technologies
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
HEX BUFFER
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
Hex Buffer
March, 2022 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com