Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G99L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G99L-S08-R
Description  ULTRA-CONFIGURABLE MULTIPLE- FUMCTION GATE WITH 3-STATE OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G99L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G99L-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G99L-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G99L-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G99L-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G99L-S08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G99L-S08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G99L-S08-R Datasheet HTML 7Page - Unisonic Technologies U74LVC1G99L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
U74LVC1G99
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-798.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive-Going Input Threshold
Voltage
VT+
VCC =1.65V
0.79
1.26
V
VCC =2.3V
1.11
1.66
VCC =3.0V
1.5
1.97
VCC =4.5V
2.16
2.84
VCC =5.5V
2.61
3.43
Negative-Going Input Threshold
Voltage
VT-
VCC =1.65V
0.39
0.72
V
VCC =2.3V
0.58
0.97
VCC =3.0V
0.84
1.24
VCC =4.5V
1.41
1.89
VCC =5.5V
1.87
2.39
Hysteresis Voltage (VT+-VT-)
V
△ T
VCC =1.65V
0.37
0.72
V
VCC =2.3V
0.48
0.87
VCC =3.0V
0.56
0.97
VCC =4.5V
0.71
1.14
VCC =5.5V
0.71
1.21
High-Level Output Voltage
VOH
VCC =1.65V ~ 5.5V, IOH=-100μA
VCC-0.1
V
VCC =1.65V, IOH=-4mA
1.2
VCC =2.3V, IOH=-8mA
1.9
VCC =3.0V, IOH=-16mA
2.4
VCC =3.0V, IOH=-24mA
2.3
VCC =4.5V, IOH=-32mA
3.8
Low-Level Output Voltage
VOL
VCC =1.65V ~ 5.5V, IOH=-100μA
0.1
V
VCC =1.65V, IOH=4mA
0.45
VCC =2.3V, IOH=8mA
0.3
VCC =3.0V, IOH=16mA
0.4
VCC =3.0V, IOH=24mA
0.55
VCC =4.5V, IOH=32mA
0.55
Input Leakage Current
II(LEAK)
VCC =0V ~ 5.5V, VIN=VCC or GND
±5
μA
Power OFF Leakage Current
IOFF
VCC =0V, VIN or VOUT=5.5V
±10
μA
High Impedance Output Leakage
Current
Ioz
VOUT=VCC or GND,
VCC =1.65V ~5.5V
±10
μA
Quiescent Supply Current
ICC
VCC =1.65V ~ 5.5V, VIN=5.5V or
GND IOUT=0
±10
μA
Additional Quiescent Supply
Current
ΔICC
VCC =3V ~ 5.5V, One input at
VCC-0.6V, other inputs at VCC or
GND
500
μA
Input Capacitance
CIN
VCC =3.3V, VIN=VCC or GND
3.5
pF
Output Capacitance
COUT
VCC =3.3V, VIN=VCC or GND
6
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com