Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G158L-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G158L-AL6-R
Description  SINGLE 2-INPUT MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G158L-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G158L-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G158L-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G158L-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G158L-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G158L-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G158
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-804.A
SINGLE 2-INPUT
MULTIPLEXER
DESCRIPTION
The U74LVC1G158 is a single 2-input multiplexer. The data
select input(S) determines the two data input I0 or I1 which of them
is connect to the output with the function of invert.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operating voltage range from 1.65V to 5.5V.
* Inputs accept voltages to 5.5V
* Ioff supports partial-power-down mode
* Low power dissipation: ICC=10μA(Max.)
* ±24mA output drive(VCC=3.0V)
* High noise immunity
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G158L-AL6-R
U74LVC1G158G-AL6-R
SOT-363
Tape Reel
U74LVC1G158L-AL6-R
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) R: Tape Reel
(2) AL6: SOT-363
(3) G: Halogen Free, L: Lead Free
MARKING


Similar Part No. - U74LVC1G158L-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
SINGLE 3-INPUT POSITIVE-NAND GATE
U74LVC1G10G-AG6-R UTC-U74LVC1G10G-AG6-R Datasheet
193Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
U74LVC1G10G-AL6-R UTC-U74LVC1G10G-AL6-R Datasheet
187Kb / 6P
SINGLE 3-INPUT POSITIVE-NAND GATE
U74LVC1G10G-AL6-R UTC-U74LVC1G10G-AL6-R Datasheet
193Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
U74LVC1G10L-AL6-R UTC-U74LVC1G10L-AL6-R Datasheet
187Kb / 6P
SINGLE 3-INPUT POSITIVE-NAND GATE
More results

Similar Description - U74LVC1G158L-AL6-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
National Semiconductor ...
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
NXP Semiconductors
74LVC1G157 NXP-74LVC1G157 Datasheet
80Kb / 15P
Single 2-input multiplexer
Rev. 03 - 12 July 2007
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
Single 2-input multiplexer
Rev. 6-31 December 2012
74LVC1G157GW NXP-74LVC1G157GW Datasheet
196Kb / 18P
Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
logo
Nexperia B.V. All right...
74AXP1G157 NEXPERIA-74AXP1G157 Datasheet
811Kb / 16P
Single 2-input multiplexer
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
Single 2-input multiplexer
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
Single 2-input multiplexer
Rev. 11 - 27 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com