Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G158G-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G158G-AL6-R
Description  SINGLE 2-INPUT MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G158G-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G158G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G158G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G158G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G158G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G158G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G158
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-804.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=1.65V~1.95V
0.65*VC
C
V
VCC=2.3V~2.7V
1.7
VCC=2.7V~3.6V
2
VCC=4.5V~5.5V
0.7*VCC
Low-Level Input Voltage
VIL
VCC=1.65V~1.95V
0.35*VCC
V
VCC=2.3V~2.7V
0.7
VCC=2.7V~3.6V
0.8
VCC=4.5V~5.5V
0.3*VCC
High-Level Output Voltage
VOH
VCC=1.65V~5.5V, IOH=-100μA
VCC-0.1
V
VCC=1.65V, IOH=-4mA
1.2
VCC=2.3V, IOH=-8mA
1.9
VCC=2.7V, IOH=-12mA
2.2
VCC=3.0V, IOH=-24mA
2.3
VCC=4.5V, IOH=-32mA
3.8
Low-Level Output Voltage
VOL
VCC=1.65V~5.5V, IOH=-100μA
0.1
V
VCC=1.65V, IOH=4mA
0.45
VCC=2.3V, IOH=8mA
0.3
VCC=2.7V, IOH=12mA
0.4
VCC=3.0V, IOH=24mA
0.55
VCC=4.5V, IOH=32mA
0.55
Input Leakage Current
II(LEAK)
VCC=0V~5.5V, VIN=VCC or GND
±5
μA
Power OFF Leakage Current
IOFF
VCC=0V, VIN or VOUT=5.5V
±10
μA
Quiescent Supply Current
ICC
VCC=1.65V~5.5V,
VIN=5.5V or GND, IOUT=0
10
μA
Additional Quiescent Supply
Current
ΔICC
VCC=3V~5.5V, One input at
VCC-0.6V, other inputs at VCC or
GND
500
μA
Input Capacitance
CIN
VCC=3.3V, VIN=VCC or GND
2.5
pF
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(I1 or I0) to output(Y)
tPLH/tPHL
VCC=1.65V~1.95V
1.5
4.3
11.0
ns
VCC=2.3V~2.7V
1.0
2.9
6.1
VCC=2.7V
1.0
3.1
5.6
VCC=2.7V~3.6V
1.0
2.7
5.0
VCC=4.5V~5.5V
0.5
2.2
4.0
Propagation delay from input
(S) to output(Y)
tPLH/tPHL
VCC=1.65V~1.95V
1.5
4.3
11.0
ns
VCC=2.3V~2.7V
1.0
2.9
6.9
VCC=2.7V
1.0
3.3
5.9
VCC=2.7V~3.6V
1.0
2.9
5.0
VCC=4.5V~5.5V
0.5
2.3
4.0
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=3.3V, f=10MHZ
18
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com