Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC1G34G-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G34G-AL5-R
Description  SINGLE NON-INVERTING GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G34G-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G34G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G34G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G34G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G34G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G34G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G34
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-805.A
SINGLE NON-INVERTING GATE
DESCRIPTION
The U74AHC1G34 are high-speed Si-gate CMOS devices. The
U74AHC1G34 provide the non-inverting buffer with function Y=A.
FEATURES
* Operation Voltage Range: 2V~5.5V
* Low Power Dissipation: ICC=10μA(Max)
* High Speed: tpd=3.8ns(Typ)
* Balanced propagation delays
* High noise immunity
* Typical VOL< 0.36V at VCC=4.5V,Io=8mA,TA=25°C
* Typical VOH> 3.94V at VCC=4.5V,Io=-8mA, TA=25°C
RDERING INFORMATION
Order Number
Package
Packing
Lead Free
Halogen Free
U74AHC1G34L-AE5-R
U74AHC1G34G-AE5-R
SOT-23-5
Tape Reel
U74AHC1G34L-AL5-R
U74AHC1G34G-AL5-R
SOT-353
Tape Reel
MARKING
A34
3
2
1
4
5
G: Halogen Free
L:Lead Free


Similar Part No. - U74AHC1G34G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G34G-AE5-R UTC-U74AHC1G34G-AE5-R Datasheet
240Kb / 6P
SINGLE BUS BUFFER GATE
More results

Similar Description - U74AHC1G34G-AL5-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
STMicroelectronics
M54HCT245 STMICROELECTRONICS-M54HCT245 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50 Datasheet
99Kb / 8P
Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT50 ONSEMI-NLU1GT50_12 Datasheet
137Kb / 10P
Single Buffer, Non-Inverting, TTL Level
July, 2012 ??Rev. 3
NL17SZ17 ONSEMI-NL17SZ17_16 Datasheet
85Kb / 7P
Single Non-Inverting Buffer with Schmitt Trigger
January, 2016 ??Rev. 16
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
MC74VHC1G07 ONSEMI-MC74VHC1G07_18 Datasheet
206Kb / 14P
Single Non-Inverting Buffer
November, 2018 ??Rev. 19
NL17SZ07 ONSEMI-NL17SZ07_18 Datasheet
191Kb / 13P
Single Non-Inverting Buffer
November, 2018 ??Rev. 18
NL17SZ17 ONSEMI-NL17SZ17 Datasheet
190Kb / 14P
Single Non-Inverting Buffer
November, 2018 ??Rev. 17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com