Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-TDR003V1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STEVAL-TDR003V1
Description  2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR003V1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STEVAL-TDR003V1 Datasheet HTML 12Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 13Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 14Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 15Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 16Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 17Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 18Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 19Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
STEVAL-TDR003V1
16/20
Doc ID 17343 Rev 1
6.2
Thermal pad and via design - SOT-89
Thermal vias are required in the PCB layout to effectively conduct heat away from the
package. The via pattern has been designed to address the thermal, power dissipation and
electrical requirements of the device.
The via pattern is based on through-hole vias with 0.203 mm to 0.330 mm finished hole size
on a 0.5 mm to 1.2 mm grid pattern with 0.025 plating on via walls. If micro vias are used in
a design, it is suggested that the quantity of vias be increased by a 4:1 ratio to achieve
similar results.
Figure 21.
Pad layout details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com