Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32-COMSTICK Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32-COMSTICK
Description  Hitex complete, low-cost kit for evaluation and development of STM32 and STR91xF in networked embedded applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32-COMSTICK Datasheet(HTML) 2 Page - STMicroelectronics

  STM32-COMSTICK Datasheet HTML 1Page - STMicroelectronics STM32-COMSTICK Datasheet HTML 2Page - STMicroelectronics STM32-COMSTICK Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering information
STM32-COMSTICK STR9-COMSTICK
2/3
Doc ID 13383 Rev 2
Ordering information
The STM32-comStick and the STR9-comStick are available from STMicroelectronics' sales
offices and distributors, or from Hitex and their distributors.
Software and sample applications are available for download from http://www.hitex.com/.
The latest versions of STM32 connectivity line and STR9 documentation and their libraries
are available for free download at http://www.st.com/mcu.
Revision history
Table 1.
Order codes
Order code
Description
STM32-COMSTICK
STM32-comStick with STM32F107VC microcontroller (Cortex™-M3 core up to
72 MHz / 90 DMIPS, 256 Kbyte Flash and 64 Kbyte SRAM, Ethernet
10/100 Mbit, USB full speed device, Host, OTG; CAN, UART, ADC, DAC,…).
Hitex software tools:
– HiTOP IDE/debugger
– unlimited TASKING C compiler for Cortex™-M3
– application examples with part source code
STR9-COMSTICK
STR9-comStick with STR912FW microcontroller (ARM966E RISC core up to
96 MHz, 512 + 32K FLASH and 96K RAM, 10/100 Ethernet MAC, USB full
speed device; CAN, UART, ADC,…).
Hitex software tools:
– HiTOP IDE/debugger
– unlimited GNU compiler for ARM
– all applications in source code
Table 2.
Document revision history
Date
Revision
Changes
28-Mar-2007
1
Initial release.
13-Aug-2009
2
Added STM32-COMSTICK information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com