Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC157G-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC157G-S16-R
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC157G-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC157G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC157G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC157G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC157G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC157G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC157G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HC157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-812.A
SWITCHING CHARACTERISTICS
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from input A or B
to output Y, tpd
tpd
VCC=2V, CL=50pF
63
125
ns
VCC=2V, CL=150pF
81
190
VCC=4.5V, CL=50pF
13
25
VCC=4.5V, CL=150pF
23
38
VCC=6V, CL=50pF
11
21
VCC=6V, CL=150pF
18
33
Propagation delay from input A/ B
to output Y, tpd
tpd
VCC=2V, CL=50pF
67
125
ns
VCC=2V, CL=150pF
81
210
VCC=4.5V, CL=50pF
18
25
VCC=4.5V, CL=150pF
23
42
VCC=6V, CL=50pF
14
21
VCC=6V, CL=150pF
18
36
Propagation delay from input G to
output Y, tpd
tpd
VCC=2V, CL=50pF
59
115
ns
VCC=2V, CL=150pF
91
190
VCC=4.5V, CL=50pF
16
23
VCC=4.5V, CL=150pF
24
38
VCC=6V, CL=50pF
13
20
VCC=6V, CL=150pF
18
33
Output Transition Time
tT
VCC=2V, CL=50pF
28
60
ns
VCC=2V, CL=150pF
45
210
VCC=4.5V, CL=50pF
8
12
VCC=4.5V, CL=150pF
17
42
VCC=6V, CL=50pF
6
10
VCC=6V, CL=150pF
13
36
Note: tPLH and tPHL is the same as tPd
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power dissipation capacitance
CPD
No load
40
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com