Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G09G-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G09G-AL5-R
Description  SINGLE 2-INPUT POSITIVE-AND GATE WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G09G-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G09G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G09G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G09G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G09G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G09G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G09
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-820.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level Input Voltage
VIH
VCC=1.65V~1.95V
0.65*VCC
V
VCC=2.3V~2.7V
1.7
V
VCC=3.0V~3.6V
2
V
VCC=4.5V~5.5V
0.7*VCC
V
Low-level Input Voltage
VIL
VCC=1.65V~1.95V
0.35*VCC
V
VCC=2.3V~2.7V
0.7
V
VCC=3.0V~3.6V
0.8
V
VCC=4.5V~5.5V
0.3*VCC
V
Low-Level Output Voltage
VOL
IOL=100μA, VCC=1.65~5.5V
0.1
V
IOL=4mA, VCC=1.65V
0.45
V
IOL=8mA, VCC=2.3V
0.3
V
IOL=16mA, VCC=3.0V
0.4
V
IOL=24mA, VCC=3.0V
0.55
V
IOL=32mA, VCC=4.5V
0.55
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=0 ~ 5.5V
±1
μA
Power OFF Leakage Current
Ioff
VIN or VOUT=5.5V, VCC=0V
±10
μA
Quiescent Supply Current
ICC
VIN=5.5V or GND, IOUT=0
VCC=1.65~5.5V
10
μA
Additional Quiescent Supply
Current Per Input Pin
ΔICC
VCC=3~5.5V, One input at
VCC-0.6V, Other inputs at VCC or
GND
500
μA
Input Capacitance
CI
VCC=3.3V, VIN=VCC or GND
3.5
pF
Output Capacitance
COUT
VCC =3.3V, VIN=VCC or GND
4.5
pF
SWITCHING CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from input
(A or B) to output(Y)
tPZL / tPLZ
VCC=1.8±0.15V, CL=15pF, RL=1MΩ
2.9
7.4
ns
VCC=2.5±0.2V, CL=15pF, RL=1MΩ
1.7
3.8
ns
VCC=3.3±0.3V, CL=15pF, RL=1MΩ
1.5
4.9
ns
VCC=5±0.5V, CL=15pF, RL=1MΩ
0.9
2.4
ns
VCC=1.8±0.15V, RL=1KΩ
CL=30pF or 50pF
2.8
10
ns
VCC=2.5±0.2V, RL=500Ω
1.6
6.0
ns
VCC=3.3±0.3V, RL=500Ω
1.4
4.5
ns
VCC=5±0.5V, RL=500Ω
1.0
3.9
ns
OPERATING CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
VCC=1.8V, f=10MHZ
3
pF
VCC=2.5V, f=10MHZ
3
pF
VCC=3.3V, f=10MHZ
4
pF
VCC=5V, f=10MHZ
6
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com