Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4060L-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC4060L-P16-R
Description  14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4060L-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC4060L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4060L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4060L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4060L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4060L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4060L-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC4060
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-831.A
14-STAGE ASYNCHRONOUS
BINARY COUNTERS AND
OSCILLATORS
DESCRIPTION
The U74HC4060 are high-speed Si-gate CMOS device.
The U74HC4060 devices consist of an oscillator section and 14
ripple-carry binary counter stages. The oscillator configuration
allows design of erther RC or crystal oscillator circuits with three
oscillator terminals (CLKI, CLKO, CLKO) , ten buffered outputs
(QD to QJ and QL to QM) and an overriding asynchronous master
reset (CLR) . The oscillator may be replaced by an esternal clock
signal at input CLKI. In this case keep the other oscillator pins
(CLKO, CLKO) floating. The counter advances on the
negative-going transition of CLKI. A high level at the clear (CLR)
input disables the oscillator and resets the counter to zero (all Q
output low).
FEATURES
* Operate from 2.0V to 6.0V
* Low Input Current:1.0uA
* Outputs Can Drive Up To 10 LSTTL Loads
* Low Power Consumption ,80uA Max ICC
* 4mA Output Drive at 5V
* Typical tPD=14ns
* Allow Design of Either RC or Crystal Oscillator Circuits
SOP-16
TSSOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC4060L-S16-R
U74HC4060G-S16-R
SOP-16
Tape Reel
U74HC4060L-S16-T
U74HC4060G-S16-T
SOP-16
Tube
U74HC4060L-P16-R
U74HC4060G-P16-R
TSSOP-16
Tape Reel
U74HC4060L-P16-T
U74HC4060G-P16-T
TSSOP-16
Tube


Similar Part No. - U74HC4060L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4060G-P16-R UTC-U74HC4060G-P16-R Datasheet
209Kb / 6P
14-STAGE ASYNCHRONOUS BINARY COUNTERS
U74HC4060G-S16-R UTC-U74HC4060G-S16-R Datasheet
209Kb / 6P
14-STAGE ASYNCHRONOUS BINARY COUNTERS
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
14-STAGE ASYNCHRONOUS BINARY COUNTERS
More results

Similar Description - U74HC4060L-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4060 TI-SN54HC4060 Datasheet
111Kb / 7P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN74HC4060 TI-SN74HC4060 Datasheet
406Kb / 13P
12-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI-SN54HC4060_06 Datasheet
705Kb / 23P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4061 TI-SN54HC4061 Datasheet
113Kb / 5P
ASYNCHRONOUS 14-STAGE BINARY COUNTERS AND OSCILLATORS
SN54HC4020 TI-SN54HC4020_07 Datasheet
682Kb / 18P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN74HC4060-Q1 TI1-SN74HC4060-Q1 Datasheet
549Kb / 13P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
14-STAGE ASYNCHRONOUS BINARY COUNTERS
logo
Texas Instruments
SN54HC4060 TI1-SN54HC4060_15 Datasheet
1Mb / 20P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com