Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4060G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC4060G-S16-R
Description  14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4060G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC4060G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4060G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4060G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4060G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4060G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4060G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74HC4060
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-831.A
TIMING REQUIREMENTS
(over recommended operating free-air temperature range, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP MAX UNIT
FCOLCK Clock Frequency
VCC=2V
4.3
MHz
VCC=4.5V
22
VCC=6V
25
tW Pulse Duration
CLKI high or low
VCC=2V
115
ns
VCC=4.5V
23
VCC=6V
20
CLR high
VCC=2v
115
VCC=4.5V
23
VCC=6V
20
tsu, Setup time, CLR Inactive Before CLKI High To Low
VCC=2V
200
ns
VCC=4.5V
40
VCC=6V
34
SWITCHING CHARACTERISTICS
(over recommended operating free-air temperature range, CL=50pF, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from CLKI to QD
tPD
VCC=2V
240
490
ns
VCC=4.5V
58
98
VCC=6V
42
83
Propagation delay from CLKI to Any Q
tPHL
VCC=2V
66
140
ns
VCC=4.5V
18
28
VCC=6V
24
24
Output rise or fall time
tt
VCC=2V
28
75
ns
VCC=4.5V
8
15
VCC=6V
6
13
Maxinum Clock Pulse Frequency
fmax
VCC=2V
5.5
10
MHz
VCC=4.5V
28
45
VCC=6V
33
53
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load
88
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com