Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4071G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCD4071G-S14-R
Description  QUAD 2-INPUT OR BUFFERED B SERIES GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4071G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCD4071G-S14-R Datasheet HTML 1Page - Unisonic Technologies UCD4071G-S14-R Datasheet HTML 2Page - Unisonic Technologies UCD4071G-S14-R Datasheet HTML 3Page - Unisonic Technologies UCD4071G-S14-R Datasheet HTML 4Page - Unisonic Technologies UCD4071G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCD4071
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-520.b
ABSOLUTE MAXIMUM RATING(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ 18
V
Input Voltage
V(nA,nB)
-0.5 ~ VDD +0.5
V
Output Voltage
V(nY)
-0.5 ~ VDD +0.5
V
Storage Temperature
TSTG
-65 ~ + 150
°С
Lead Temperature(Soldering,10s)
TL
260
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3 ~ 15
V
Operating Temprature
TOP
-40 ~ +125
°С
ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VDD= 5V, VO=0.5V
3.5
3
V
VDD= 10V, VO=1.0V
7.0
6
VDD= 15V, VO=1.5V
11.0
9
Low-Level Input Voltage
VIL
VDD= 5V, VO=4.5V
2
1.5
V
VDD= 10V, VO=9.0V
4
3.0
VDD= 15V, VO=13.5V
6
4.0
High-Level Output Voltage
VOH
VDD= 5V, IOH=1µA
4.95
5
V
VDD= 10V, IOH=1µA
9.95
10
VDD= 15V, IOH=1µA
14.95
15
Low-Level Output Voltage
VOL
VDD= 5V, IOL=1µA
0
0.05
V
VDD= 10V, IOL=1µA
0
0.05
VDD= 15V, IOL=1µA
0
0.05
High-Level Output Current
(NOTE)
IOH
VDD= 5V, VO=4.6V
-0.51
-0.88
mA
VDD= 10V, VO=9.5V
-1.3
-2.25
VDD= 15V, VO=13.5V
-3.4
-8.8
Low-Level Output Current
(NOTE)
IOL
VDD= 5V, VO=0.4V
0.51
0.88
VDD= 10V, VO=0.5V
1.3
2.25
VDD= 15V, VO=1.5V
3.4
8.8
Input Leakage Current
II(LEAK)
VDD= 15V ,VIN = VDD or GND
0.1
µA
Quiescent Supply Current
IQ
VDD= 5V, VIN = VDD or VSS, IOUT = 0
0.004
0.25
µA
VDD= 10V, VIN = VDD or VSS, IOUT = 0
0.005
0.5
VDD= 15V, VIN = VDD or VSS, IOUT = 0
0.006
1.0
Note: IOL and IOH are tested one output at a time



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com