Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALCOMMBOARD Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALCOMMBOARD
Description  Main interface to the controlling PC a standard 12Mbps based on a ST72F651AR6 USB microcontroller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALCOMMBOARD Datasheet(HTML) 1 Page - STMicroelectronics

  EVALCOMMBOARD Datasheet HTML 1Page - STMicroelectronics EVALCOMMBOARD Datasheet HTML 2Page - STMicroelectronics EVALCOMMBOARD Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office
June 2006
Rev 1
1/3
3
EVALCOMMBOARD
Main interface to the controlling PC a standard 12Mbps based on a
ST72F651AR6 USB microcontroller
General description
The EVALCOMMBOARD is a general purpose
board developed around the following principles:
■ Provide a reliable and flexible communication
channel between a controlling PC and the
different reference design boards
■ Run dedicated FW available for all reference
designs.
■ Interact with dedicated SW implementing a
reference design specific Graphical User
Interface (GUI).
The EVALCOMMBOARD is based on a
ST72F651AR6 USB microcontroller, providing as
main interface to the controlling PC a standard 12
Mbps USB, available on all recent PCs. An RS232
interface is also available, which can be used as
spare communication port. Specific interfaces to
different reference design boards are present,
providing high flexibility for several applications.
Ten bits digital to analog converter (DAC) and high
gain, high bandwidth amplifiers are present on the
board. Jumpers, switches and LEDs give further
adaptability and visualization tools.
A full range of dedicated FW, GUIs and reference
design boards are available for different Industrial
products.
EVALCOMMBOARD
www.st.com


Similar Part No. - EVALCOMMBOARD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVALCONTROLBRD2 AD-EVALCONTROLBRD2 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results

Similar Description - EVALCOMMBOARD

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3912-20 ASM-SENSOR-3912-20 Datasheet
602Kb / 2P
USB Interface for Connecting the Data Logger Series to a PC
logo
STMicroelectronics
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1_12 Datasheet
363Kb / 5P
APWLink USB interface board based on the STA120D
17-May-2012
STEVAL-IFS003V1 STMICROELECTRONICS-STEVAL-IFS003V1 Datasheet
111Kb / 4P
Temperature sensor board based on STLM75/STDS75 and ST72F651AR6
26-Oct-2007
STEVAL-ISA095V1 STMICROELECTRONICS-STEVAL-ISA095V1 Datasheet
87Kb / 4P
Up to 3 A step-down switching regulator based on the ST1S14
23-Dec-2011
STEVAL-ISQ006V1 STMICROELECTRONICS-STEVAL-ISQ006V1 Datasheet
292Kb / 5P
USB to PMBus bridge demonstration board based on the ST72F651
28-Nov-2008
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
Universal USB to serial communication interface demonstration board based on the STM32
04-May-2010
STEVAL-PCC009V2 STMICROELECTRONICS-STEVAL-PCC009V2 Datasheet
142Kb / 7P
IBU universal interface based on the STM32x
28-Jun-2010
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-CCH003V2 STMICROELECTRONICS-STEVAL-CCH003V2 Datasheet
224Kb / 4P
HDMI interface evaluation kit based on the HDMI2C1-14HD (main board plus daughter board)
11-Nov-2016
STEVAL-MKI138V2 STMICROELECTRONICS-STEVAL-MKI138V2 Datasheet
1Mb / 7P
STAudioHub USB interface board based on the MP34DB01 and STM32
July 2014 Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com