Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL016V2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ILL016V2
Description  15 Watt regulated Triac-dimmable LED driver for the North American (115 V) market
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL016V2 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ILL016V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL016V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL016V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL016V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL016V2 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Using the STEVAL-ILL016V2
STEVAL-ILL016V2
2/5
Doc ID 17474 Rev 1
1
Using the STEVAL-ILL016V2
The STEVAL-ILL016V2 is shipped without the jumpers that select transformer taps for
specific numbers of LEDs in each parallel string. Please refer to the schematic diagram in
Figure 1, and place the jumpers in the appropriate positions.
The board operates with any number of LEDs with the capacitors supplied at C14 and C15.
LED ripple current is higher for smaller numbers of LEDs.
The LED voltage limit for open-load protection can be set with R30, instead of R32. Refer to
Figure 1 for voltage divider details.
1.1
Operation
This unit is based on a PFC-flyback power converter. Design equations are provided in
application note AN1059 (available on
www.st.com). It is strongly recommended that this
application note be studied prior to modifying the design.
There are two current limits, one from the isolated secondary (optically coupled) and one on
the primary side.
The primary side limit responds to the line voltage, and should dominate with the line lower
than 102-108 V. The current limit is set by the parallel combination of R25 and R26. Values
of parts at R10 and divider R5, R6, R11 also affect the primary current. Refer to the L6562A
datasheet, and application notes for the L6561 and L6562 for guidance on modifying the
input side characteristics.
The secondary side limit responds to the average LED current. It should take over when the
line voltage is above 102-108 V. LED current is set with the resistors at R31 (shipped with
0.47
Ω wire-wound, topside) and R35-R38 (unmounted 0805 SMT, bottomside). The
schematic contains a formula for selecting resistor values and guidance for resistor
selection.
In dimmed operation, the primary side current limit dominates – the secondary side limit is
saturated, calling for full output. Current to the LEDs is limited by the dimmer Triac’s
conduction angle.
1.2
Additional capabilities
The demonstration board output can be extended to 30 watts, on the same PCB layout, with
some component changes. Several flexible transformers and higher current input filters have
been designed, and application guidance is available.
1.3
First sample run errata
If present, please remove the incorrect, unneeded components at locations D5 and D6. The
RCD clamp consisting of D8, C4, and R18-20 perform their function. The schematic
incorrectly shows a 133 kW resistor at R32. The sample has the correct value of 330 k
Ω.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com