Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA080V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA080V1
Description  90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA080V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA080V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA080V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA080V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA080V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2011
Doc ID 17897 Rev 1
1/4
4
STEVAL-ISA080V1
90 W HB LLC resonant converter demonstration board
based on the L6585DE combo IC
Features
■ Input voltage range : 90 to 265 VRMS
■ Line frequency : 50/60 Hz
■ Output voltage : 19 V
■ Output current : 4.7 A
■ RoHS compliant
Description
The STEVAL-ISA080V1 demonstration board is a
90 W, wide range mains, power factor corrected
AC-DC power supply.
The architecture is based on a two-stage
approach: a front-end PFC pre-regulator and a
downstream multi-resonant half bridge converter.
Both stages are controlled by the new L6585DE
that integrates PFC and half-bridge control
circuits and the relevant drivers.
Although this new device is dedicated to manage
electronic ballast, it’s possible to use it also for HB
LLC resonant converter.
The PFC section achieves current mode control
operating in transition mode, offering a highly
linear multiplier including a THD optimizer that
allows for an extremely low THD, even over a
large range of input voltages and loading
conditions.
STEVAL-ISA080V1
www.st.com


Similar Part No. - STEVAL-ISA080V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA082V1 STMICROELECTRONICS-STEVAL-ISA082V1 Datasheet
114Kb / 4P
4 A peak 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40IPHR
27-Sep-2011
STEVAL-ISA083V1 STMICROELECTRONICS-STEVAL-ISA083V1 Datasheet
115Kb / 4P
Short-circuit protected
27-Sep-2011
STEVAL-ISA084V1 STMICROELECTRONICS-STEVAL-ISA084V1 Datasheet
108Kb / 4P
4 A peak, 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40
28-Nov-2010
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
Short-circuit protection
01-Apr-2011
More results

Similar Description - STEVAL-ISA080V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-ILB005V2 STMICROELECTRONICS-STEVAL-ILB005V2 Datasheet
122Kb / 4P
Demonstration board for the L6585DE combo IC for PFC and ballast control
18-Mar-2009
STEVAL-ILB007V1 STMICROELECTRONICS-STEVAL-ILB007V1 Datasheet
90Kb / 4P
2 x 58 W wide-range ballast based on the L6585DE combo IC
28-Jan-2011
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISV001V1 STMICROELECTRONICS-STEVAL-ISV001V1 Datasheet
313Kb / 6P
1000 W dual stage DC-AC converter demonstration board based on the STP160N75F3
27-Nov-2008
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
300 W photovoltaic converter demonstration board based on the SPV1020
08-Aug-2011
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com