Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP83409 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP83409
Description  CMOS 8-bit Single Chip Microcomputer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP83409 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP83409 Datasheet HTML 16Page - Sony Corporation CXP83409 Datasheet HTML 17Page - Sony Corporation CXP83409 Datasheet HTML 18Page - Sony Corporation CXP83409 Datasheet HTML 19Page - Sony Corporation CXP83409 Datasheet HTML 20Page - Sony Corporation CXP83409 Datasheet HTML 21Page - Sony Corporation CXP83409 Datasheet HTML 22Page - Sony Corporation CXP83409 Datasheet HTML 23Page - Sony Corporation CXP83409 Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
– 21 –
CXP83408/83412/83416, CXP83409/83413/83417
External interruption
high and low level widths
Reset input low level width
INT0
INT1
INT2
NMI/INT3
RST
1
32/fc
µs
µs
Item
Symbol
Pin
Conditions
Min.
Max.
Unit
tIH
tIL
tRSL
(4) Interruption, reset input
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
0.2VDD
0.8VDD
tIH
tIL
tIL
tIH
INT0
INT1
INT2
NMI/INT3
(NMI is specified only for
the falling edge)
Fig 6. Interruption input timing
tRSL
0.2VDD
RST
Fig. 7. RST input timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com