Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA12514-RITA-A Datasheet(PDF) 1 Page - Cree, Inc

Part # CA12514-RITA-A
Description  Rita series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12514-RITA-A Datasheet(HTML) 1 Page - Cree, Inc

  CA12514-RITA-A Datasheet HTML 1Page - Cree, Inc CA12514-RITA-A Datasheet HTML 2Page - Cree, Inc CA12514-RITA-A Datasheet HTML 3Page - Cree, Inc CA12514-RITA-A Datasheet HTML 4Page - Cree, Inc CA12514-RITA-A Datasheet HTML 5Page - Cree, Inc CA12514-RITA-A Datasheet HTML 6Page - Cree, Inc CA12514-RITA-A Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
Rita series
last update 4/9/2012
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C12512_RITA-A
Rita
Reflector
XM-L
White
36+28.4 mm
17.1 mm
Rectangular
PC
-
Pin, glue
Ready
FWHM
Efficiency
cd/lm
Gerber File
Asym degrees
85 %
0.600
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12514_RITA-A
Rita
Reflector
XM-L
White
36 + 28.4 mm
17.3 mm
Rectangular
PC
-
Pin, tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
Asym degrees
85 %
0.600
Available
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
September 14th 2012 18:53 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12514-RITA-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12514 CREE-CA12514 Datasheet
2Mb / 33P
Rita series
logo
Ledil, Inc.
CA12514 LEDIL-CA12514 Datasheet
3Mb / 8P
Asymmetric beam
More results

Similar Description - CA12514-RITA-A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
CA13177 CREE-CA13177 Datasheet
2Mb / 37P
Rita series
C12512 CREE-C12512 Datasheet
783Kb / 13P
Rita series
C12516 CREE-C12516 Datasheet
1Mb / 31P
Rita series
CA12514 CREE-CA12514 Datasheet
2Mb / 33P
Rita series
CX14342 CREE-CX14342 Datasheet
547Kb / 11P
Rita series
CX14343 CREE-CX14343 Datasheet
677Kb / 11P
Rita series
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com