Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI1K Datasheet(PDF) 49 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 45Page - STMicroelectronics LRI1K Datasheet HTML 46Page - STMicroelectronics LRI1K Datasheet HTML 47Page - STMicroelectronics LRI1K Datasheet HTML 48Page - STMicroelectronics LRI1K Datasheet HTML 49Page - STMicroelectronics LRI1K Datasheet HTML 50Page - STMicroelectronics LRI1K Datasheet HTML 51Page - STMicroelectronics LRI1K Datasheet HTML 52Page - STMicroelectronics LRI1K Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
LRI1K
Commands codes
Doc ID 17170 Rev 3
49/86
20.2
Stay Quiet
On receiving the Stay Quiet command, the LRI1K enters the Quiet state and does NOT
send back a response. There is NO response to the Stay Quiet command even if an error
occurs.
When in the Quiet state:
the LRI1K does not process any request if the Inventory_flag is set,
the LRI1K processes any Addressed request
The LRI1K exits the Quiet state when:
it is reset (power off),
receiving a Select request. It then goes to the Selected state,
receiving a Reset to Ready request. It then goes to the Ready state.
The Stay Quiet command must always be executed in the Addressed mode (Select_flag is
reset to 0 and Address_flag is set to 1).
Table 23.
Stay Quiet request format
Request
SOF
Request flags
Stay Quiet
UID
CRC16
Request
EOF
8 bits
02h
64 bits
16 bits
Figure 40.
Stay Quiet frame exchange between VCD and LRI1K
VCD
SOF
Stay Quiet
request
EOF
LRI1K
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com