Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C86 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M93C86
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M93C86_11 Datasheet HTML 13Page - STMicroelectronics M93C86_11 Datasheet HTML 14Page - STMicroelectronics M93C86_11 Datasheet HTML 15Page - STMicroelectronics M93C86_11 Datasheet HTML 16Page - STMicroelectronics M93C86_11 Datasheet HTML 17Page - STMicroelectronics M93C86_11 Datasheet HTML 18Page - STMicroelectronics M93C86_11 Datasheet HTML 19Page - STMicroelectronics M93C86_11 Datasheet HTML 20Page - STMicroelectronics M93C86_11 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
M93C46, M93C56, M93C66, M93C76, M93C86
Clock pulse counter
Doc ID 4997 Rev 12
17/34
9
Clock pulse counter
In a noisy environment, the number of pulses received on Serial Clock (C) may be greater
than the number delivered by the master (the microcontroller). This can lead to a
misalignment of the instruction of one or more bits (as shown in Figure 7) and may lead to
the writing of erroneous data at an erroneous address.
To avoid this problem, the M93Cx6 has an on-chip counter that counts the clock pulses from
the start bit until the falling edge of the Chip Select Input (S). If the number of clock pulses
received is not the number expected, the WRITE, ERASE, ERAL or WRAL instruction is
aborted, and the contents of the memory are not modified.
The number of clock cycles expected for each instruction, and for each member of the
M93Cx6 family, are summarized in Table 5: Instruction set for the M93C46 to Table 7:
Instruction set for the M93C76 and M93C86. For example, a Write Data to Memory (WRITE)
instruction on the M93C56 (or M93C66) expects 20 clock cycles (for the x8 organization)
from the start bit to the falling edge of Chip Select Input (S). That is:
1 Start bit
+ 2 Op-code bits
+ 9 Address bits
+ 8 Data bits
Figure 7.
Write sequence with one clock glitch
AI01395
S
An-1
C
D
WRITE
START
D0
"1"
"0"
An
Glitch
An-2
ADDRESS AND DATA
ARE SHIFTED BY ONE BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com