Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-DF Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24128-DF
Description  128-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-DF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24128-DF Datasheet HTML 32Page - STMicroelectronics M24128-DF Datasheet HTML 33Page - STMicroelectronics M24128-DF Datasheet HTML 34Page - STMicroelectronics M24128-DF Datasheet HTML 35Page - STMicroelectronics M24128-DF Datasheet HTML 36Page - STMicroelectronics M24128-DF Datasheet HTML 37Page - STMicroelectronics M24128-DF Datasheet HTML 38Page - STMicroelectronics M24128-DF Datasheet HTML 39Page - STMicroelectronics M24128-DF Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
M24128-BW M24128-BR M24128-BF M24128-DF
Package mechanical data
Doc ID 16892 Rev 21
37/40
Table 21.
M24128-DFCS6TP/K, WLCSP 8-bump wafer-level chip scale package
mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.540
0.500
0.580
0.0213
0.0197
0.0228
A1
0.190
0.0075
A2
0.350
0.0138
b
0.270
0.0106
D
1.271
0.0500
E
1.081
0.0425
e
0.800
0.0315
e1
0.693
0.0273
e2
0.400
0.0157
e3
0.400
0.0157
F
0.184
0.0072
G
0.236
0.0093
H
0.194
0.0076
N (number of terminals)
8
8
aaa
0.110
0.0043
bbb
0.110
0.0043
ccc
0.110
0.0043
ddd
0.060
0.0024
eee
0.060
0.0024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com