Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SATCR1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SATCR1
Description  Satellite channel router
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SATCR1 Datasheet(HTML) 2 Page - STMicroelectronics

  SATCR1 Datasheet HTML 1Page - STMicroelectronics SATCR1 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SATCR-1
2/2
FEATURES
■
Wide input and wide output frequency ranges
(950 MHz to 2150 MHz)
■
Four programmable conversion gains
■
Fully integrated synthesizer
■
RF tone generator for installation loss
calibration and for system signalling
■
Programmable switch matrix control pins
■
System noise figure: 5 dB (typ.)
■
Single supply: 3.0 V
■
Low power consumption: 90 mA (typ.)
■
I²C bus control
■
QFN36 package (6 x 6 mm)
APPLICATIONS
■
DDBS low-noise block converters
■
RF band translation switcher boxes
■
Reuse of terrestrial cable for satellite signals
■
Provides single-cable capability for:
– DVR applications
– multiple STBs/receivers
– multi-switching for apartment blocks.
PART NUMBERING
Table 1. Order codes
REVISION HISTORY
Table 2. Revision history
Par t Number
Description
SaTCR-1
Satellite channel router
SaTCR-1 Eval
Evaluation board
Date
Revision
Description of Changes
October 2004
2
Updated diagram, history added, color removed, CCS template applied.
May 2004
1
Initial release
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2004 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com