Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256-DR Datasheet(PDF) 38 Page - STMicroelectronics

Part # M24256-DR
Description  256-Kbit serial I²C bus EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M24256-DR Datasheet HTML 33Page - STMicroelectronics M24256-DR Datasheet HTML 34Page - STMicroelectronics M24256-DR Datasheet HTML 35Page - STMicroelectronics M24256-DR Datasheet HTML 36Page - STMicroelectronics M24256-DR Datasheet HTML 37Page - STMicroelectronics M24256-DR Datasheet HTML 38Page - STMicroelectronics M24256-DR Datasheet HTML 39Page - STMicroelectronics M24256-DR Datasheet HTML 40Page - STMicroelectronics M24256-DR Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Part numbering
M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF
38/41
Doc ID 6757 Rev 28
10
Part numbering
Table 22.
Ordering information scheme
Example:
M24256 - D
W MN 6
T
P /K
Device type
M24 = I2C serial access EEPROM
Device function
256 = 256 Kbit (32 K x 8)
Device family
Blank: Without Identification page
D: With additional Identification page
Operating voltage
W = VCC = 2.5 V to 5.5 V
R = VCC = 1.8 V to 5.5 V
F = VCC = 1.7 V to 5.5 V
Package
MN = SO8 (150 mil width)(1)
1.
RoHS-compliant and halogen-free (ECOPACK2®)
DW = TSSOP8 (169 mil width)(1)
MC = UFDFPN8 (MLP8)(1)
CS = 5-bump WLCSP(1)
CT = 8-bump Thin WLCSP(1)
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
Option
blank = standard packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(2)
2.
The process letters apply to WLCSP devices only. The process letters appear on the device package
(marking) and on the shipment box. Please contact your nearest ST Sales Office for further information.
/K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com