Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4256BWP Datasheet(PDF) 40 Page - STMicroelectronics

Part # 4256BWP
Description  256-Kbit serial I²C bus EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4256BWP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button 4256BWP Datasheet HTML 33Page - STMicroelectronics 4256BWP Datasheet HTML 34Page - STMicroelectronics 4256BWP Datasheet HTML 35Page - STMicroelectronics 4256BWP Datasheet HTML 36Page - STMicroelectronics 4256BWP Datasheet HTML 37Page - STMicroelectronics 4256BWP Datasheet HTML 38Page - STMicroelectronics 4256BWP Datasheet HTML 39Page - STMicroelectronics 4256BWP Datasheet HTML 40Page - STMicroelectronics 4256BWP Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Revision history
M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF
40/41
Doc ID 6757 Rev 28
16-Nov-2011
25
Updated UFDFPN8 silhouette on cover page, Figure 16: UFDFPN8
(MLP8) 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm,
outline and Table 21: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual
flat package no lead 2 x 3 mm, mechanical data to add MC version.
22-Jun-2012
26
Datasheet revision 25 split into:
– M24256-125 datasheet for automotive products (range 3),
– M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF (this
datasheet) for standard products (range 6).
Added:
– Reference M24256-DF
– Table 1: Signal names, Table 12: Memory cell data retention
Updated:
– Table 16: 400 kHz AC characteristics and Table 17: 1 MHz AC
characteristics: added set up and hold timing conditiions on WC (tWLDL
and tDHWH)
– Figure 18: M24256-DFCS6TP/K, WLCSP 8-bump wafer-level chip
scale package outline and Table 21: M24256-DFCS6TP/K, WLCSP 8-
bump wafer-level chip scale package mechanical data
– Cycling and data retention limits
Deleted:
– UFDFPN8, package revision MB
01-Aug-2012
27
Updated Figure 3: WLCSP connections for the M24256-DFCS6TP/K (top
view, marking side, with balls on the underside) and Figure 18: M24256-
DFCS6TP/K, WLCSP 8-bump wafer-level chip scale package outline.
18-Sep-2012
28
Changed title of Figure 3: WLCSP connections for the M24256-
DFCS6TP/K (top view, marking side, with balls on the underside).
Updated Section 5.2.2: Current Address Read.
Table 23.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com