Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42568WP Datasheet(PDF) 39 Page - STMicroelectronics

Part # 42568WP
Description  256-Kbit serial I²C bus EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

42568WP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button 42568WP Datasheet HTML 33Page - STMicroelectronics 42568WP Datasheet HTML 34Page - STMicroelectronics 42568WP Datasheet HTML 35Page - STMicroelectronics 42568WP Datasheet HTML 36Page - STMicroelectronics 42568WP Datasheet HTML 37Page - STMicroelectronics 42568WP Datasheet HTML 38Page - STMicroelectronics 42568WP Datasheet HTML 39Page - STMicroelectronics 42568WP Datasheet HTML 40Page - STMicroelectronics 42568WP Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF
Revision history
Doc ID 6757 Rev 28
39/41
11
Revision history
Table 23.
Document revision history
Date
Revision
Changes
19-Jan-2010
20
Revision number corrected at bottom of pages.
04-Mar-2010
21
Process description corrected in Table 23: Ordering information scheme.
21-Dec-2010
22
Updated text in:
Features, Section 1: Description, Section 3.1: Start condition, Section 3.6:
Write operations, Section 3.9: Write Identification Page (M24256-D only),
Section 3.10: Lock Identification Page (M24256-D only), Section 3.11:
ECC (error correction code) and write cycling, Section 3.17: Reading the
Identification Page (M24256-D only), Section 3.18: Reading the lock
status (M24256-D only), Table 10: AC test measurement conditions,
Section 8: Part numbering.
Updated the following according to the I²C_bus specification:
Table 17: 400 kHz AC characteristics, Table 18: 1 MHz AC characteristics,
Figure 13: AC waveforms.
14-Feb-2011
23
Added caution under Figure 3: WLCSP connections (top view, marking
side, with balls on the underside).
Updated:
–Description
– Section 3.5: Addressing the memory array
– Section 3.17: Reading the Identification Page (M24256-D only)
– Section 3.18: Reading the lock status (M24256-D only)
– Table 2: Most significant address byte
– Table 6: Absolute maximum ratings
– Table 17: 400 kHz AC characteristics
– Table 18: 1 MHz AC characteristics
Moved:
– Table 2: Most significant address byte from Section 2.6.4 to Section 3.5
Deleted:
– Table 3: Device select code to access the Identification page (M24256-
DR only)
– Table 25: Available M24256-BR, M24256-BW, M24256-BF products
(package, voltage range, temperature grade)
– Table 26: Available M24256-DR products (package, voltage range,
temperature grade)
05-Jul-2011
24
Added Table 12: Memory cell characteristics.
Updated:
– Section 1: Description
– Table 6: Absolute maximum ratings
–ICC0 maximum value in Table 14: DC characteristics (voltage range W,
device grade 6), Table 15: DC characteristics (voltage range R) and
Table 16: DC characteristics (voltage range F)
Deleted all references to package SO8 (MW) 208 mils width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com