Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP84124 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP84124
Description  CMOS 8-bit Single Chip Microcomputer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP84124 Datasheet(HTML) 5 Page - Sony Corporation

  CXP84124 Datasheet HTML 1Page - Sony Corporation CXP84124 Datasheet HTML 2Page - Sony Corporation CXP84124 Datasheet HTML 3Page - Sony Corporation CXP84124 Datasheet HTML 4Page - Sony Corporation CXP84124 Datasheet HTML 5Page - Sony Corporation CXP84124 Datasheet HTML 6Page - Sony Corporation CXP84124 Datasheet HTML 7Page - Sony Corporation CXP84124 Datasheet HTML 8Page - Sony Corporation CXP84124 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
– 5 –
CXP84120/84124
Symbol
I/O
Description
I/O
PG0 to PG7
(Port G)
8-bit I/O port. I/O can be set in a unit of single bits. Incorporation of pull-
up resistor can be set through the software in a unit of 4 bits.
(8 pins)
I/O
PH0 to PH7
(Port H)
8-bit I/O port. I/O can be set in a unit of single bits. Incorporation of pull-
up resistor can be set through the software in a unit of 4 bits.
(8 pins)
I/O/Input
PI0/INT0
to
PI3/INT3
I/O
PI4 to PI7
Input
Crystal connectors for system clock oscillation. When the clock is supplied
externally, input to EXTAL; opposite phase clock should be input to XTAL.
EXTAL
Output
XTAL
Input
Crystal connectors for 32kHz timer/counter clock generation circuit.
Connect a 32kHz crystal oscillator between TEX and TX.
For usage as event input, connect clock oscillation source to TEX, and
open TX.
TEX
Output
TX
Input
Low-level active, system reset.
RST
NC. Under normal operating conditions, connect to VDD.
NC
Input
Reference voltage input for A/D converter.
AVREF
A/D converter GND.
AVss
Positive power supply.
VDD
GND
Vss
(Port I)
8-bit I/O ports. I/O can be set in a unit of single
bit. Incorporation of pull-up resistor can be set
through the software in a unit of 4 bits.
(8 pins)
External interruption
request inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com