Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8088FG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA8088FG
Description  Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088FG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA8088FG Datasheet HTML 8Page - STMicroelectronics STA8088FG Datasheet HTML 9Page - STMicroelectronics STA8088FG Datasheet HTML 10Page - STMicroelectronics STA8088FG Datasheet HTML 11Page - STMicroelectronics STA8088FG Datasheet HTML 12Page - STMicroelectronics STA8088FG Datasheet HTML 13Page - STMicroelectronics STA8088FG Datasheet HTML 14Page - STMicroelectronics STA8088FG Datasheet HTML 15Page - STMicroelectronics STA8088FG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Pin description
STA8088FG
12/17
Doc ID 022666 Rev 2
P1.3
VDD_IOR1
O
Default
SSP_DO: SSP serial data output
43
I/O
A
GPIO35: general purpose I/O
I/O
B
CLOCK_GNS: GNS clock out
IO
C
SQI_SIO1/SO: SQI Flash data I/O 1 / serial O
P1.4
VDD_IOR1
I
Default
UART2_RX: UART 2 Rx data
36
I/O
A
GPIO36: general purpose I/O
P1.5
VDD_IOR1
I/O
Default
UART2_TX / BOOT_0: UART 2 Tx data / ARM Boot 0
37
I/O
A
GPIO37: general purpose I/O
P1.6
VDD_IOR1
I
Default
UART0_RX: UART 0 Rx data
38
I/O
A
GPIO38: general purpose I/O
I/O
C
SQI_SIO2: SQI Flash data I/O 2
P1.7
VDD_IOR1
I/O
Default
UART0_TX / BOOT_1: UART 0 Tx data / ARM Boot 1
39
I/O
A
GPIO39: general purpose I/O
I/O
C
SQI_SIO3: SQI Flash data I/O 3
P1.21
VDD_IOR3
I/O
A
GPIO53: general purpose I/O
46
Table 6.
Port 1 pins (continued)
Symbol
I/O Voltage
I/O
Mode
Functions
VFQFPN56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com