Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5205 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI5205
Description  High-performance advanced SD decoder for set-top box
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5205 Datasheet(HTML) 2 Page - STMicroelectronics

  STI5205 Datasheet HTML 1Page - STMicroelectronics STI5205 Datasheet HTML 2Page - STMicroelectronics STI5205 Datasheet HTML 3Page - STMicroelectronics STI5205 Datasheet HTML 4Page - STMicroelectronics STI5205 Datasheet HTML 5Page - STMicroelectronics STI5205 Datasheet HTML 6Page - STMicroelectronics STI5205 Datasheet HTML 7Page - STMicroelectronics STI5205 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Feature list
STi5205
2/8
1
Feature list
●
High-performance CPUs for applications (ST40) and audio/video decoding (2 x ST231)
–
ST40-300, dual-issue, applications CPU, 32 K instruction and 32 K data caches:
target speed > 450 MHz delivering > 800 DMIPs
●
Single 16-bit DDR1/DDR2 Local Memory Interface (LMI), up to 400 MHz
●
Latest generation “Delta” video decoder with ST231 programmable CPU core:
–
MPEG2, H264, VC-1/WM9/AVS SD advanced video decoding
–
Provides flexibility to support other codecs (DivX, XviD, H263 encode/decode)
–
SD decoding or dual SD decoding, PIP and mosaic capable
–
Real-time transcoding of MPEG2 SD to H264 SIF
●
Advanced de-blocking and de-ringing of decoded MPEG2 SD sources based on ST’s
DSE (Digital Source Enhancer) technology with 2D analysis window and texture
adaptive filter
●
ST231 CPU based audio decoder. MPEG1 I/II, MP3, Dolby Digital/DD+, MPEG4
AAC/AAC+ multi-channel audio decoding. Concurrent audio description decoding.
DD+ and AAC+ transcoding
●
Main and aux video display pipelines:
–
Main: high quality H and V reformatting/resizing with sample rate
conversion/filtering. Motion adaptive spatial and temporal de-interlacing for
480p/576p progressive output
–
Aux: high quality H and V reformatting/resizing with sample rate
conversion/filtering
●
Three independent graphics planes with H and V resize, CLUT and anti-flicker filtering
●
Link list based 2D graphics blitter. Up to 200 Mpixels/sec with destination alpha
blending. Capable of 3D user interface effects.
●
Independent main and aux display compositions (video/graphics mixing)
●
Pass-through display for graphics, main video or aux video output concurrently with
main and aux compositions
●
SD display capture
●
HDMI 1.3a(a) interface with HDCP copy protection. (ED/SD formats up to 480 p/576 p)
●
Macrovision
TM and Dwight Cavendish copy protection support
●
PAL/NTSC/SECAM digital encoder
●
Six 10-bit DACs for component/composite analog video output (ED/SD formats up to
480p/576p)
●
SD digital video input port, 8-bit YCbCr
●
Integrated stereo audio DAC
●
Six-channel audio PCM output interface
●
Stereo audio PCM input interface
●
Independent SPDIF output
●
Quadruple external TS inputs, triple internal TS from memory
a.
Full compliance to all features of v1.3a, excluding Deep Color, enhanced colorimetry (xvYCC, gamut
metadata), and DST/DSD audio.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com