Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5251 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5251
Description  Advanced SD STB processor with integrated DVB-T/DVB-C demodulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5251 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5251 Datasheet HTML 1Page - STMicroelectronics STI5251 Datasheet HTML 2Page - STMicroelectronics STI5251 Datasheet HTML 3Page - STMicroelectronics STI5251 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
August 2011
Doc ID 022143 Rev 1
1/4
4
STi5251
Advanced SD STB processor with integrated
DVB-T/DVB-C demodulator
Features
■ Advanced standard definition video decoding
(H.264/VC-1/MPEG2/AVS)
■ Advanced multi-channel audio decoding
(MPEG 1, MPEG 2, MP3, DD/DD+,
AAC/AAC+, WMA9/WMA9pro)
■ Linux, Windows CE® and OS21 compatible
ST40 applications CPU (450 MHz)
■ 16-bit DDR1/DDR2 compatible local memory
interface (LMI)
■ Embedded DVB-C or DVB-T demodulator
■ Multi-stream, DVR capable, transport stream
processing
■ Flexible ST231-based audio decoder
■ Flexible ST231-based advanced video
decoder
■ Multi-channel flexible DMA controller
■ Extensive connectivity (dual USB controller,
Ethernet MAC/MII/RMII/TMII and SD-
MMC/SDIO)
■ Advanced security and DRM support including
SVP, MS-DRM, Marlin, DivX and DTCP-IP
■ External memory interface (EMI) with NAND-
Flash, NOR-Flash, peripherals support
■ Dual smartcard, 4 x UART, 4 x synchronous
serial controllers (SSC), soft modem, IR
transmitter and receiver, UHF Rx/SCD
■ 4 x 4 matrix key front panel switch scanner
FSM with key de-bounce
■ 23 mm x 23 mm x 1.7 mm package
Description
The STi5251 is a new, cost-effective SD
advanced decoding STB SoC. The STi5251 is
ideally suited to cable, terrestrial and terrestrial/IP
hybrid networks. The STi5251 integrates in a
single IC a versatile DVB-C/DVB-T
demodulator/FEC (user mode selectable), multi-
stream transport demux, an ST40 applications
CPU, A/V decode, video processing, graphics and
display, advanced security, STB peripherals,
audio/video DACs, digital A/V outputs, USB 2.0
host controller with PHY and ULPI, SDIO SD-
MMC controller and Ethernet GMAC controller
with /MII/RMII/TMII interface.
JTAG
STB peripherals I/O
Digital video ED/SD out
Resets
Analog out
Clocks
Modes
PCM I/O
S/PDIF out
External interrupts
Clock Gen
System serv
Peripherals
SSC
UART
MAFE
PWM
Infrared
Smartcard
Connectivity
Transport
Security
Analog video ED/SD out
Audio I/O
Display
Video I/O
Transport streams
Parallel/serial in/out
Audio decoder
ST231 CPU
Video decoder
EMI
SPI
LMI
System
interfaces
CPU/FPU
STBus
Dual PCM players
S/PDIF player
DACs
FDMA
Bdisp Blitter
USB 2.0
SD-MMC/SDIO
Ethernet
Demodulator
DVB-T/
IQ/IF in
Transport
streams
DDR1/DDR2
Serial Flash
Memory
Flash, SFlash
NOR, NAND
PCM reader
DVB-C/FEC
www.st.com


Similar Part No. - STI5251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI5202 STMICROELECTRONICS-STI5202 Datasheet
167Kb / 9P
Low-cost set-top box decoder for H.264 and Microsoft VC1
19-Oct-2007
STI5205 STMICROELECTRONICS-STI5205 Datasheet
93Kb / 8P
High-performance advanced SD decoder for set-top box
10-Nov-2008
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
Advanced SD decoder for set-top box applications
23-Jul-2010
STI5211 STMICROELECTRONICS-STI5211 Datasheet
108Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
28-Jun-2010
More results

Similar Description - STI5251

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
STMicroelectronics
STI7167 STMICROELECTRONICS-STI7167 Datasheet
136Kb / 10P
Advanced STB decoder with integrated DVB-T/DVB-C demodulator
25-Aug-2009
STI5262 STMICROELECTRONICS-STI5262 Datasheet
88Kb / 4P
Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
04-Mar-2010
STI5267 STMICROELECTRONICS-STI5267 Datasheet
156Kb / 9P
Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
07-Jan-2010
STI7162 STMICROELECTRONICS-STI7162 Datasheet
78Kb / 3P
Advanced STB decoder with integrated DVB-T/DVB-C demodulator
20-Jan-2010
STIH251 STMICROELECTRONICS-STIH251 Datasheet
79Kb / 4P
Advanced STB decoder with integrated DVB-T2 and DVB-T demodulator
16-Mar-2011
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
ISDB-T and DVB-T/C Demodulator
November 28, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com