Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STI7100
Description  Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7100 Datasheet(HTML) 5 Page - STMicroelectronics

  STI7100 Datasheet HTML 1Page - STMicroelectronics STI7100 Datasheet HTML 2Page - STMicroelectronics STI7100 Datasheet HTML 3Page - STMicroelectronics STI7100 Datasheet HTML 4Page - STMicroelectronics STI7100 Datasheet HTML 5Page - STMicroelectronics STI7100 Datasheet HTML 6Page - STMicroelectronics STI7100 Datasheet HTML 7Page - STMicroelectronics STI7100 Datasheet HTML 8Page - STMicroelectronics STI7100 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STi7100
Description
5/9
1.1
Detailed features list
1.1.1
Processor subsystem
●
ST40 32-bit superscalar RISC CPU
–
266 MHz, 2-way set associative 16-Kbyte ICache, 32-Kbyte DCache, MMU
–
5-stage pipeline, delayed branch support
–
floating point unit, matrix operation support
–
debug port, interrupt controller
1.1.2
Transport subsystem
●
TS merger/router
–
2 serial/parallel inputs
–
1 bidirectional interface
–
merging of 3 transport streams
–
transport stream from memory support
–
NRSS-A module interface
–
TS routing for DVB-CI and CableCARD
™ modules
●
Programmable transport interface (PTI)
–
transport stream demux: DVB, DIRECTV®, ATSC, ARIB, OpenCable, DCII
–
integrated DES, AES, DVB, ICAM and Multi2 descramblers
–
NDS random access scrambled stream protocol (RASP) compliant
–
NDS ICAM CA
–
support for VGS, Passage and DVS042 residue handling
1.1.3
Video/graphics subsystem
●
MPEG-4 AVC high profile level 4.1/ MPEG-2 MP@HL video decoder
–
hardware/firmware mixed architecture
–
advanced error concealment and trick mode support
–
dual MPEG-2 MP@HL decode
●
SD (ITU-R BT 601/656) D1 digital video input
●
Displays
–
HD display, multiformat capable
(1080I, 720P, 480P/576P, 480I/576I)
- Analog HD output RGB or YPbPr
- HDMI encoded output
–
SD display
- Analog SD output: YPbPr or YC and CVBS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com