Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7108M Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI7108M
Description  Advanced HD AVC decoder with 3D graphics acceleration and MoCA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7108M Datasheet(HTML) 2 Page - STMicroelectronics

  STI7108M Datasheet HTML 1Page - STMicroelectronics STI7108M Datasheet HTML 2Page - STMicroelectronics STI7108M Datasheet HTML 3Page - STMicroelectronics STI7108M Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STi7108M
2/4
Doc ID 018591 Rev 1
1
Introduction
The STi7108M integrates in a single IC, multi-stream transport demultiplexing, an
applications CPU, a real-time CPU, A/V decode, video processing, true 3D graphics and
display, advanced security, Multimedia Over CoAx Alliance (MoCA® 1.1) interface, STB
peripherals, audio/video DACs, digital A/V outputs, HDMI, dual eSATA ports, triple USB
ports, dual Ethernet controllers (GbE capable) and an SDIO/SD-MMC card controller.
Features
Benefits
ST40 applications CPU, ST40 real-time CPU,
ST231 applications co-processor. Each CPU
has 32KI and 32K L1 caches with 256K L2
cache for the ST40 applications CPU.
The high performance ST40 CPU for applications
and middleware, is enhanced by a real-time
companion ST40. The real-time ST40 off loads a/v
management and network protocols. The
applications CPU is complemented by a co-
processor, for multimedia processing and
security/DRM in home networks. Each ST40 works
with the ST231 to deliver unparalleled CPU
performance from a single STB SoC.
Integrated graphics processing unit (GPU).
Programmable Vertex (geometry) processor and
fragment (pixel) processor, accelerated four
times full scene anti-aliasing (4 × FSAA).
True 3D graphics and 2D vector graphics
acceleration, optimized for HD consumer digital
video applications. Compatible with the latest Open
GL ES 1.1/2.0 and OpenVG 1.1 libraries, for best-
in-class 3D graphics effects/games, font rendering
and Adobe Flash® support. Open GL ES 2.x ready.
Decoded HD video can be used as textures for
visually enhanced, video rich navigation guides
and user interfaces, and provides a platform for 3D
gaming.
Latest generation of ST's video decoder with an
ST231-based multi-codec capable controller
coupled with a High Quality Video Display
Pipeline.
Decoding of advanced high definition standards for
broadcast (MPEG2, H264, VC-1, AVS) plus the
performance and flexibility for web-based content
decoding such as Flash®, DivX™, MJPEG and
Real®. New capabilities such as, Dual H264
HP@L4.1 decoding for HD PIP, and video-video
transition effects, decoding of H264 HP@L4.2
(1080p50, 1080p60 decoding) and premium
rescaling techniques open the way for high quality
viewing of enhanced HD services on the latest
generation of TVs.
Latest generation transport/security subsystem,
with enhanced performance for DVR
client/server-based home networks.
Multi-stream transport demultiplexing,
descrambling and section/data filtering. Up to 6 live
TS inputs supported.
MoCA® 1.1 subsystem, triple USB 2.0 hosts,
dual e-SATA, Ethernet MAC with
MII/RMII/TMII/GMII interfaces, PCI, SD-
MMC/SDIO interface.
Extensive high speed connectivity for the widest
range of STB peripherals, such as Flash drives,
external HDDs, Gigabit Ethernet, home network
controllers (such as MoCA®, Wi-Fi), DOCSIS®
modem and memory cards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com