Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIH205 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STIH205
Description  Advanced HD AVC processor with integrated low power standby controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIH205 Datasheet(HTML) 2 Page - STMicroelectronics

  STIH205 Datasheet HTML 1Page - STMicroelectronics STIH205 Datasheet HTML 2Page - STMicroelectronics STIH205 Datasheet HTML 3Page - STMicroelectronics STIH205 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STiH205
2/4
Doc ID 019040 Rev 3
1
Introduction
The STiH205 offers current users of ST’s growing family of advanced decoding ICs
enhancements in performance and features, enabling operators to offer consumers new
multimedia-rich services and viewing experiences, including new 3DTV features. Faster
DDR3 memory is also supported, and the applications CPU benefits from an L2 cache. The
STiH205 keeps pace with the latest advanced security requirements of the main CA
vendors, and an integrated standby controller enables the STiH205 to target stringent low
power regulations.
Features
Benefits
ST40 applications CPU, with 32 KI and 32 KD
L1 caches and 256 Kbyte L2 cache.
High performance processing for applications and
middleware.
Integrated low power standby controller within its
own power island.
Secure hibernation to, and fast resume from, very
low power passive standby mode, targeting STB
standby power < 0.5 W.
Latest generation of ST's Delta video decoder,
coupled with a High Quality Video Display
Pipeline (HQVDP).
Decoding of advanced high-definition standards
(MPEG2, H264, VC-1, AVS) plus the performance
and flexibility for web-based content decoding such
as Flash®, DivX™, MJPEG and Real®, without
impacting applications CPU performance.
Dual USB 2.0 hosts, eSATA, Ethernet MAC with
MII/RMII/TMII interfaces, PCI-e, SD-MMC/SDIO
interface.
Extensive high-speed connectivity for the widest
range of STB peripherals, such as Flash drives,
external HDDs, Ethernet, home network controllers
(such as MoCA®, Wi-Fi), DOCSIS® modem and
memory cards.
NOCS3.0, NSK2.0 and DVB-CSA3 ready.
Fully compliant with the latest advanced security
requirements of CA vendors.
23 mm x 23 mm package, smaller than other
STiH205/STiH207 family variants.
Ideal for space constrained form factors such as
dongles and plug based STBs and media players.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com