Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIH237 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STIH237
Description  HD satellite STB processor with integrated demodulator and low power standby controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIH237 Datasheet(HTML) 2 Page - STMicroelectronics

  STIH237 Datasheet HTML 1Page - STMicroelectronics STIH237 Datasheet HTML 2Page - STMicroelectronics STIH237 Datasheet HTML 3Page - STMicroelectronics STIH237 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STiH237
2/4
Doc ID 022871 Rev 1
1
Introduction
The STiH237 offers current users of ST’s growing family of advanced decoding ICs
enhancements in performance and features, enabling operators to offer consumers new
multimedia-rich services and viewing experiences, including new 3DTV features. Faster
DDR3 memory is also supported, and the applications CPU benefits from an L2 cache. The
STiH237 keeps pace with the latest advanced security requirements of the main CA
vendors, and an integrated standby controller enables the STiH237 to target stringent low
power regulations.
Features
Benefits
ST40 applications CPU, with 32KI and 32KD L1
caches and 256K L2 cache.
High performance processing for applications and
middleware.
Integrated low power standby controller within its
own power island.
Secure hibernation to, and fast resume from, very
low power passive standby mode, targeting STB
standby power < 0.5 W.
Latest generation of ST's Delta video decoder,
coupled with a High Quality Video Display
Pipeline (HQVDP).
Decoding of advanced high definition standards
(MPEG2, H264, VC-1, AVS) plus the performance
and flexibility for web-based content decoding such
as Flash®, DivX™, MJPEG and Real®, without
impacting applications CPU performance.
Dual USB 2.0 hosts, Ethernet MAC with
MII/RMII/TMII interfaces, PCI-e, SD-MMC/SDIO
interface.
Extensive high speed connectivity for the widest
range of STB peripherals, such as Flash drives,
external HDDs, Ethernet, home network controllers
(such as MoCA®, Wi-Fi), DOCSIS® modem and
memory cards.
NOCS1.0/1.1/1.2/3.0, NSK2.0 and DVB-CSA3
ready.
Fully compliant with the latest advanced security
requirements of CA vendors.
Integrated DVB-S/DVB-S2 demodulation/FEC
Highly integrated STB solution reducing
component count and manufacturing BOM.
Ball compatible with other STiH2xx family
variants.
Single platform versatility across all networks
(satellite, cable, terrestrial, and IP).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com