Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6111 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV6111
Description  8PSK/QPSK low-power 3.3-V satellite tuner IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6111 Datasheet(HTML) 2 Page - STMicroelectronics

  STV6111 Datasheet HTML 1Page - STMicroelectronics STV6111 Datasheet HTML 2Page - STMicroelectronics STV6111 Datasheet HTML 3Page - STMicroelectronics STV6111 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STV6111
2/4
Doc ID 022528 Rev 1
1
Introduction
In the STV6111 satellite tuner, on the RF input, there is a variable gain, low-noise amplifier
(VGLNA). The RF gain is monitored by an automatic gain control (AGC) circuit to ensure an
optimal signal level for the two mixers. Each mixer, which down-converts the signal to the
baseband, is followed by an AGC-controlled VGA, a low-pass filter and a second VGA.
The local oscillator signals are provided by an integrated fractional-N phase locked loop
(PLL), which contains an on-chip voltage-controlled oscillator meeting stringent phase noise
requirements. The PLL loop filter is partly integrated. The local oscillator frequencies are
programmable between 950 MHz and 2150 MHz.
The comparison frequency for the phase-frequency detector is generated by dividing the
crystal oscillator reference frequency. The crystal frequency may be within the range
15 MHz to 31 MHz depending on the application.
Features
Benefits
Variable gain low noise amplifier input structure
Allows flexible compromise between linearity and
noise figure allowing the most difficult signals to be
extracted in the most congested and noisy
conditions
Single flexible Xtal
Wide choice of crystal frequencies with robust
clock buffer to drive second tuners and
demodulators allowing eBoM savings
Fractional-N PLL
Low phase noise for low packet error rate under
extreme conditions (e.g. low symbol rates), fast
locking
High symbol rate support
Allows more efficient exploitation of Ku (up to
60 Msps) and Ka band (up to ~220 Msps) satellites



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com