Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6419 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6419
Description  Low-cost audio/video switch and 4-channel SD video filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6419 Datasheet(HTML) 1 Page - STMicroelectronics

  STV6419 Datasheet HTML 1Page - STMicroelectronics STV6419 Datasheet HTML 2Page - STMicroelectronics STV6419 Datasheet HTML 3Page - STMicroelectronics STV6419 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2011
Doc ID 014825 Rev 1
1/4
4
STV6419
Low-cost audio/video switch and 4-channel SD video filter
Features
■
I2C bus control
■
Interrupt signal output
■
Video section:
– Three CVBS inputs; two CVBS outputs
– Two RGB or YPrPb or chroma / one FB
input; one RGB or YPrPb or chroma / one
FB output
– 7-MHz low-pass filters on four encoder
inputs
– Gain of 6 dB on all RGB and CVBS outputs
– Integrated 150-
Ω buffers
– Capabilities of integrated output buffers:
– CVBS_TV can drive two standard 150-
Ω
video loads
– CVBS_VCR can drive one standard
150-
Ω video load and one 600-Ω modulator
load
– RGB can drive a standard 150-
Ω video
load
– AC- or DC-coupled video outputs
– Two slow blanking inputs/outputs
– Bottom clamp on all CVBS and
bottom/average/synchronized clamp on
RGB inputs
– AC-coupled inputs for all video signal
– Crosstalk: 50 dB minimum
■
Audio section:
– Three inputs; two outputs
– Stereo sound capability
– One mono sound output
– Differential or single-ended audio encoder
input
– Selectable gain on one stereo input
– Audio muting on the output
– Audio outputs drive 3.1 V RMS into 2 k
Ω
– Full-range volume control with soft control
– Audio BSkyB compatible
Applications
■
Set-top boxes (IP, cable, satellite, terrestrial)
■
Integrated digital TV plug-in
■
Blu-ray and DVD players
Description
The STV6419 is a highly integrated I2C bus-
controlled audio and video switch matrix,
optimized for use in digital set-top box or DVD
recorder applications. It provides the audio and
video routings (CVBS and RGB) required in a
non-full two SCART set-top box design.
The STV6419 is a fully integrated solution for
filtering and buffering SD signals.
LQFP48 7 × 7 × 1.4 mm3
(48-pin low-profile quad flat pack)
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STV6419AG
0 to 70 °C
LQFP48 (7 × 7 mm2)Tray
STV6419AGT
0 to 70 °C
LQFP48 (7 × 7 mm2)
Tape and reel
www.st.com


Similar Part No. - STV6419

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6410AD STMICROELECTRONICS-STV6410AD Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411 STMICROELECTRONICS-STV6411 Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411AD STMICROELECTRONICS-STV6411AD Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
More results

Similar Description - STV6419

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6417 STMICROELECTRONICS-STV6417 Datasheet
69Kb / 6P
Audio/video switch and 6-channel SD video filter
27-Jun-2008
STV6418 STMICROELECTRONICS-STV6418 Datasheet
70Kb / 6P
Audio/video switch and 6-channel SD/PS/HD video filter
Jun-2008
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
KR Electronics, Inc.
2532 KR-2532 Datasheet
48Kb / 2P
Low cost video filter
logo
Fairchild Semiconductor
FMS6144A FAIRCHILD-FMS6144A Datasheet
411Kb / 13P
Low-Cost, Four-Channel, 6th-Order SD Video Filter Driver
logo
STMicroelectronics
STV6418 STMICROELECTRONICS-STV6418_11 Datasheet
103Kb / 4P
Audio/video switch and 6-channel SD/PS/HD video filter
23-Sep-2011
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
Audio/video buffer and four-channel SD/PS/HD video filter
12-Aug-2011
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
Audio/video buffer and 6-channel SD/PS/HD video filter
12-Aug-2011
logo
ON Semiconductor
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com