Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206L150SL Datasheet(PDF) 3 Page - Littelfuse

Part # 1206L150SL
Description  LoRhoTM Surface Mount Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L150SL Datasheet(HTML) 3 Page - Littelfuse

  1206L150SL Datasheet HTML 1Page - Littelfuse 1206L150SL Datasheet HTML 2Page - Littelfuse 1206L150SL Datasheet HTML 3Page - Littelfuse 1206L150SL Datasheet HTML 4Page - Littelfuse 1206L150SL Datasheet HTML 5Page - Littelfuse 1206L150SL Datasheet HTML 6Page - Littelfuse 1206L150SL Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Revised: October 9, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > LoRhoTM Series
Lo Rho Series
Temperature Rerating
Ambient Operation Temperature
-40°C
-20°C
0°C
20°C
40°C
60°C
70°C
85°C
Part Number
Hold Current (A)
0402L010SL
0.15
0.13
0.12
0.10
0.09
0.07
0.06
0.05
0402L020SL
0.29
0.27
0.24
0.20
0.17
0.14
0.11
0.10
0402L035SL
0.51
0.47
0.41
0.35
0.30
0.25
0.20
0.18
0402L050SL
0.74
0.67
0.59
0.50
0.43
0.36
0.29
0.26
0603L050SL
0.82
0.73
0.63
0.50
0.41
0.39
0.24
0.14
0603L075SL
1.23
1.08
0.94
0.75
0.61
0.44
0.34
0.23
0603L100SL
1.55
1.37
1.19
1.00
0.83
0.62
0.50
0.31
0603L150SL
2.31
2.06
1.79
1.50
1.22
0.93
0.75
0.47
0603L175SL
2.57
2.33
2.07
1.75
1.49
1.24
1.00
0.91
0805L075SL
1.24
1.07
0.94
0.75
0.62
0.47
0.37
0.23
0805L110SL
1.93
1.65
1.38
1.10
0.83
0.55
0.41
0.21
0805L150SL
2.37
2.07
1.80
1.50
1.25
0.93
0.74
0.50
0805L175SL
2.57
2.33
2.07
1.75
1.49
1.24
1.00
0.91
0805L200SLTH
2.94
2.66
2.36
2.00
1.70
1.42
1.14
1.04
0805L260SLTH
3.82
3.46
3.07
2.60
2.21
1.85
1.48
1.35
0805L300SL
4.41
3.99
3.54
3.00
2.55
2.13
1.71
1.56
1206L075SL
1.10
1.00
0.89
0.75
0.64
0.53
0.43
0.39
1206L110SL
2.00
1.70
1.40
1.10
0.83
0.56
0.44
0.36
1206L150SL
2.67
2.32
1.95
1.50
1.15
0.78
0.64
0.52
1206L110/12SL
1.62
1.46
1.30
1.10
0.94
0.78
0.63
0.57
1206L150/12SL
2.21
2.00
1.77
1.50
1.28
1.07
0.86
0.78
1206L175SL
2.57
2.33
2.07
1.75
1.49
1.24
1.00
0.91
1206L200SL
3.30
2.90
2.50
2.00
1.62
1.16
0.90
0.52
1206L260SLTH
3.71
3.42
3.01
2.60
2.08
1.49
1.30
0.89
1206L300SLTH
4.41
3.99
3.54
3.00
2.55
2.13
1.71
1.56
1206L350SLTH
5.15
4.66
4.13
3.50
2.98
2.49
2.00
1.82
1206L380SLTH
5.59
5.05
4.48
3.80
3.23
2.70
2.17
1.98
1206L400SL
5.71
5.26
4.63
4.00
3.20
2.29
2.00
1.37
1206L450SL
6.62
5.99
5.31
4.50
3.83
3.20
2.57
2.34
1210L175SL
2.57
2.33
2.07
1.75
1.49
1.24
1.00
0.91
1210L200SL
3.26
2.87
2.50
2.00
1.70
1.29
1.09
0.78
1210L260SL
3.82
3.46
3.07
2.60
2.21
1.85
1.48
1.35
1210L300SL
4.41
3.99
3.54
3.00
2.55
2.13
1.71
1.56
1210L350SL
5.00
4.60
4.05
3.50
2.80
2.00
1.60
1.00
1210L380SL
6.00
5.28
4.52
3.80
3.15
2.39
2.09
1.60
1210L400SL
5.71
5.26
4.63
4.00
3.20
2.29
2.00
1.37
1210L450SL
6.62
5.99
5.31
4.50
3.83
3.20
2.57
2.34
1812L190SL
3.00
2.58
2.22
1.90
1.49
1.14
0.93
0.61
1812L260SL
3.82
3.46
3.07
2.60
2.21
1.85
1.48
1.35
1812L270SL
3.86
3.55
3.12
2.70
2.16
1.54
1.35
0.93
1812L300SL
4.41
3.99
3.54
3.00
2.55
2.13
1.71
1.56
1812L350SL
5.43
4.73
4.13
3.50
2.80
2.10
1.75
1.12
1812L370SL
5.44
4.92
4.37
3.70
3.15
2.63
2.11
1.92
2920L700SL
10.00
9.20
8.10
7.00
5.60
4.00
3.50
2.40
Notes: The temperature rerating data is for reference only. Please contact Littelfuse technical support for detail temperature rerating information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com