Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR2W152D Datasheet(PDF) 2 Page - Sanken electric

Part # STR2W152D
Description  Current Mode Control PWM Regulator ICs For Switching Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR2W152D Datasheet(HTML) 2 Page - Sanken electric

  STR2W152D Datasheet HTML 1Page - Sanken electric STR2W152D Datasheet HTML 2Page - Sanken electric STR2W152D Datasheet HTML 3Page - Sanken electric STR2W152D Datasheet HTML 4Page - Sanken electric STR2W152D Datasheet HTML 5Page - Sanken electric STR2W152D Datasheet HTML 6Page - Sanken electric STR2W152D Datasheet HTML 7Page - Sanken electric STR2W152D Datasheet HTML 8Page - Sanken electric STR2W152D Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SANKEN ELECTRIC CO., LTD.
STR2W100D-DS
Current Mode Control PWM Regulator ICs
For Switching Power Supplies
STR2W152D and
STR2W153D
May 14, 2012
Features and Benefits (continued)
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.
Absolute Maximum Ratings Unless specifically noted, TA is 25°C
Characteristic
Symbol
Notes
Pins
Rating
Unit
Drain Peak Current1
IDPeak
STR2W152D
Single pulse
1 – 3
6.0
A
STR2W153D
9.5
A
Maximum Switching Current2
IDMAX
STR2W152D
TA = –20°C to 125°C
1 – 3
6.0
A
STR2W153D
9.5
A
Avalanche Energy3
EAS
STR2W152D
Single pulse VDD = 99 V, L = 20 mH
1 – 3
62
mJ
STR2W153D
86
mJ
ILPEAK
STR2W152D
2.3
A
STR2W153D
2.7
A
S/OCP Pin Voltage
VOCP
3 – 5
−2 to 6
V
Control Part Input Voltage
VCC
4 – 5
32
V
FB/OLP Pin Voltage
VFB
6 – 5
−0.3 to 14
V
FB/OLP Sink Current
IFB
6 – 5
1.0
mA
MOSFET Power Dissipation4
PD1
STR2W152D
With infinite heatsink
1 – 3
23.8
W
STR2W153D
26.5
W
Without heatsink
1.3
W
Control Part Power Dissipation
PD2
Specified by VCC × ICC
4 – 5
0.13
W
Internal Frame Temperature in
Operation5
TF
–
−20 to 115
°C
Operating Ambient Temperature
TOP
–
−20 to 115
°C
Storage Temperature
Tstg
–
−40 to 125
°C
Channel Temperature
Tch
–
150
°C
1
Refer to MOSFET Safe Operating Area Curve.
2
IDMAX is the drain current determined by the drive voltage of the IC and the threshold voltage, Vth , of the MOSFET.
3
Refer to MOSFET Avalanche Energy Derating Coefficient Curve.
4
Refer to MOSFET Temperature versus Power Dissipation Curve.
5
Maximum recommended internal frame temperature, TF(max) = 105°C.
• Protection Functions:
▫ Overcurrent Protection function (OCP); Pulse-by-pulse,
built-in compensation circuit to minimize OCP point variation
on AC input voltage
▫ Overload Protection function (OLP); Auto restart, built-in
timer, reduces heat during overload condition, and no external
components required
▫ Overvoltage Protection function (OVP); Auto restart
▫ Thermal Shutdown function (TSD); Auto restart
Selection Guide
Part Number
fOSC
(kHz)
MOSFET
POUT*
(W)
VDSS(min)
(V)
RDS(on)
(max)
(Ω)
230 VAC
85 to 265 VAC
STR2W152D
67
650
3.0
60
40
STR2W153D
1.9
90
60
*The listed output power is based on the package thermal ratings, and the peak
output power can be 120% to 140% of the value stated here. At low output voltage
and short duty cycle, the output power may be less than the value stated here.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com