Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SACB12 Datasheet(PDF) 71 Page - Littelfuse

Part # SACB12
Description  TVS Diode Products
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SACB12 Datasheet(HTML) 71 Page - Littelfuse

Back Button SACB12 Datasheet HTML 67Page - Littelfuse SACB12 Datasheet HTML 68Page - Littelfuse SACB12 Datasheet HTML 69Page - Littelfuse SACB12 Datasheet HTML 70Page - Littelfuse SACB12 Datasheet HTML 71Page - Littelfuse SACB12 Datasheet HTML 72Page - Littelfuse SACB12 Datasheet HTML 73Page - Littelfuse SACB12 Datasheet HTML 74Page - Littelfuse SACB12 Datasheet HTML 75Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 146 page
background image
67
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Voltage Suppression Diodes
Axial Leaded – 400W > P4KE series
P4KE Series
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
t
d
- Pulse Width (sec.)
0.1μs
1.0μs
10μs
100μs
1.0ms
10ms
0.1
1
10
100
T
A
- Ambient Temperature (˚C)
0
0
25
25
50
50
75
75
100
100
125
150
175
200
Figure 1 - Peak Pulse Power Rating
Figure 2 - Pulse Derating Curve
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
V
BR - Reverse Breakdown Voltage (V)
Tj=25C
f=1.0MHz
Vsig=50mVp-p
Uni-directional VR=0V
Bi-directional VR=0V
Uni-directional @ V
R
Bi-directional @V
R
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance Uni-Directional
Figure 5 - Steady Pulse Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
200
L = 0.375" (9.5mm)
Lead Lengths
T
L-Lead Temperature(ºC)
0
5
10
15
20
25
30
35
40
45
110
100
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com