Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14575A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14575A
Description  250mA to 2.5A Adjustable Current-Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14575A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14575A Datasheet HTML 1Page - Maxim Integrated Products MAX14575A Datasheet HTML 2Page - Maxim Integrated Products MAX14575A Datasheet HTML 3Page - Maxim Integrated Products MAX14575A Datasheet HTML 4Page - Maxim Integrated Products MAX14575A Datasheet HTML 5Page - Maxim Integrated Products MAX14575A Datasheet HTML 6Page - Maxim Integrated Products MAX14575A Datasheet HTML 7Page - Maxim Integrated Products MAX14575A Datasheet HTML 8Page - Maxim Integrated Products MAX14575A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Maxim Integrated
250mA to 2.5A Adjustable Current-Limit Switches
MAX14575A/MAX14575AL/
MAX14575B/MAX14575C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
IN, EN, EN, FLAG, OUT, and SETI to GND ............-0.3V to +6V
Current into Any Pin (Except IN, OUT) ........................... Q20mA
OUT Short Circuit to GND................................Internally Limited
Continuous Power Dissipation (TA = +70NC)
TDFN (derate 11.9mW/NC above +70NC) ....................954mW
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Junction Temperature .....................................................+150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TDFN
Junction-to-Ambient Thermal Resistance (BJA)..... +83.9NC/W
Junction-to-Case Thermal Resistance (BJC)............. +37NC/W
ELECTRICAL CHARACTERISTICS
(VIN = +2.3V to +5.5V and TA = -40NC to +85NC, unless otherwise noted. Typical values are at VIN = +3.3V, CIN = 1FF, COUT = 1FF,
RSETI = 100kI., TA = +25°C.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
PACKAGE THERMAL CHARACTERISTICS (Note 1)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-lay-
er board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY OPERATION
Operating Voltage
VIN
2.3
5.5
V
Quiescent Current
IQ
IOUT = 0A, switch on, VIN = 3.3V,
RSETI = 560kI
130
275
F
A
Latchoff Current
ILATCH
IOUT = 0A , after an overcurrent fault
(MAX14575B)
6
20
F
A
Shutdown Forward Current
ISHDN
VEN = 0V, VEN = 5.5V, VIN = 5.5V,
VOUT = 0V
0.1
3.5
F
A
Shutdown Reverse Current
IRSHDN
VEN = 0V, VEN = 5.5V, VIN = 0V,
VOUT = 5.5V (current into OUT)
0.07
1
F
A
INTERNAL FET
Switch On-Resistance
RON
VIN = 5.5V, TA = +25°C, IOUT = 100mA,
IOUT < ILIM
32
50
mI
Forward Current Limit
ILIM
RSETI = 52.65kI
2250
2500
2750
mA
RSETI = 268.7kI
450
500
550
RSETI = 538.7kI
200
250
300
RSETI Coefficient
P
ILIM = 0.5A to 2.5A
135
kV
RSETI Constant
C
ILIM = 0.5A to 2.5A
1.35
kI
RSETI O ILIM Product
ILIM = 250mA to 2500mA, VIN - VOUT = 1V
172
215
258
kV
Reverse Blocking Current
VOUT > VIN + 145mV, after reverse
current-limit shutdown
2
F
A
Reverse Blocking Threshold
VOUT - VIN
VOUT - VIN = 300mV, OUT falling until
switch turns on, while measuring
VOUT - VIN
25
100
145
mV
FLAG Assertion Drop Voltage
Threshold
VFA
Increase (VIN - VOUT) drop until FLAG
asserts, in current-limit mode, VIN = 3.3V,
RSETI = unconnected
345
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com