Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF-5001 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # DMF-5001
Description  Monochrome Graphic & Character LCDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

DMF-5001 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  DMF-5001 Datasheet HTML 1Page - Kyocera Kinseki Corpotation DMF-5001 Datasheet HTML 2Page - Kyocera Kinseki Corpotation DMF-5001 Datasheet HTML 3Page - Kyocera Kinseki Corpotation DMF-5001 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FPD Total Solution Provider
Page 2
Graphic & Character LCDs
www.kyocera-display.com
Technology in Passive LCDs
ODV achieves high light shielding and dramatically improved
color performance comparing to TN/STN.
High contrast and wide viewing angle enables sophisticated
design for varieties of application.
• Improvement of light shielding on back-
ground and achromatic enables to pure
black background.
• High contrast from every direction
• Minimum color shift from low temp to
high temp, achieved the high performance.
Applications
audio, automotive, measurement,
electric appliance, meters, POS.
ODV(Omni-Directional View)
High contrast LCD with black background and high visibility from any direction.
ODV and ABN acheive superior front screen performance that is comparable to VFD, but have
advantage of low power consumption and high resolution.
Features:
Part #
C-55605GNFU-LW-ADN
Dot size (mm)
0.59 (W) x 1.15 (H)
Font size (mm)
1 character = 7 x 9 dots,
4.43 (W) x 10.75 (H)
Active area (mm)
10.76 (W) x 26.5 (H)
Outline dimention (mm)
131.8 (W) x 48.8 (H) x 8.3 (D)
Interface
8-bit 68- 80- system parallel interface
20 x 2 Character Module
High contrast LCD with black
background and high visibility
from any direction.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com