Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44006 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX44006
Description  RGB Color, Infrared, and Temperature Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44006 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX44006 Datasheet HTML 7Page - Maxim Integrated Products MAX44006 Datasheet HTML 8Page - Maxim Integrated Products MAX44006 Datasheet HTML 9Page - Maxim Integrated Products MAX44006 Datasheet HTML 10Page - Maxim Integrated Products MAX44006 Datasheet HTML 11Page - Maxim Integrated Products MAX44006 Datasheet HTML 12Page - Maxim Integrated Products MAX44006 Datasheet HTML 13Page - Maxim Integrated Products MAX44006 Datasheet HTML 14Page - Maxim Integrated Products MAX44006 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
Maxim Integrated
MAX44006/MAX44008
RGB Color, Infrared, and Temperature Sensors
The individual register bits are explained below.
Interrupt Status (0x00)
The AMBINTS bit in the Interrupt Status register 0x00 is a read-only bit, and indicates that an ambient light-interrupt
condition has occurred. If any of these bits (PWRON, AMBINTS) are set to 1, the INT pin is pulled low. The PWRON bit
in the Interrupt Status register 0x00 is a read-only bit, and if set, indicates that a power-on-reset (POR) condition has
occurred, and any user-programmed thresholds may not be valid anymore. The SHDN bit in the Interrupt Status register
0x00 is a read/write bit, and can be used to put the part into and bring out of shutdown for power saving. All register
data is retained during this operation. The RESET bit in the Interrupt Status register 0x00 is also a read/write bit, and
can be used to reset all the registers back to a power-on default condition.
Reading the Interrupt Status register clears the PWRON and AMBINTS bits if set, and deasserts the INT pin (INT pin is
pulled high by the off-chip pullup resistor). The AMBINTS bits are disabled and set to 0 if the respective INTE Interrupt
Enable bits in Register 0x01 are set to 0.
Table 1. Ambient INTERRUPT STATUS Flag (AMBINTS)
Table 3. Shutdown Control (SHDN)
Table 2. Power-On INTERRUPT STATUS Flag (PWRON)
REGISTER
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
REGISTER
ADDRESS
POWER-
ON
RESET
STATE
R/W
Interrupt
Status
RESET
SHDN
PWRON
AMBINTS
0x00
0x04
R/W
BIT0
OPERATION
0
No interrupt trigger event has occurred.
1
The ambient light has exceeded the designated window limits defined by the threshold registers for longer than persist
timer count AMBPST[1:0]. It also causes the INT pin to be pulled low. Once set, the only way to clear this bit is to read
this register. This bit is always set to 0 if AMBINTE bit is set to 0.
BIT2
OPERATION
0
Normal operating mode.
1
The part went through a power-up event, either because the part was turned on, or because there was a power-supply
voltage glitch. All interrupt threshold settings in the registers have been reset to power-on default states, and should be
examined if necessary. The INT pin is also pulled low. Once this bit is set, the only way to clear this bit is to read this
register.
BIT3
OPERATION
0
The part is in normal operation. When the part returns from shutdown, note that the value in data registers is not current
until the first conversion cycle is completed.
1
The part can be put into a power-save mode by writing a 1 to this bit. Supply current is reduced to approximately
0.01FA (MAX44006) and 0.5FA (MAX44008) with no I2C clock activity. While all registers remain accessible and
retain data, ADC conversion data contained in them may not be current. Writeable registers also remain accessible in
shutdown. All interrupts are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com