Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R2-R47-R Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # MPI4040R2-R47-R
Description  High Frequency, High Current Miniature Power Inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MPI4040R2-R47-R Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button MPI4040R2-R47-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MPI4040R2-R47-R Datasheet HTML 5Page - Cooper Bussmann, Inc. MPI4040R2-R47-R Datasheet HTML 6Page - Cooper Bussmann, Inc. MPI4040R2-R47-R Datasheet HTML 7Page - Cooper Bussmann, Inc. MPI4040R2-R47-R Datasheet HTML 8Page - Cooper Bussmann, Inc. MPI4040R2-R47-R Datasheet HTML 9Page - Cooper Bussmann, Inc. MPI4040R2-R47-R Datasheet HTML 10Page - Cooper Bussmann, Inc. MPI4040R2-R47-R Datasheet HTML 11Page - Cooper Bussmann, Inc. MPI4040R2-R47-R Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
0412
BU-SB12261
Page 10 of 12
Data Sheet: 4086
Inductance Characteristics - % of OCL vs. IDC - R4 -- 2.0mm Height
0
20
40
60
80
100
120
02468
1 0
1 2
1 4
1 6
1 8
IDC(Amp s )
M P I4040R 4-R22
0
20
40
60
80
100
120
02468
1 0
1 2
1 4
IDC(Am ps)
M P I4040R 4-R33
0
20
40
60
80
100
120
02468
1 0
1 2
1 4
IDC(Am ps)
M P I4040R 4-R47
0
20
40
60
80
100
120
02468
1 0
1 2
ID C (A m ps)
M P I4 0 4 0 R 4-1R0
0
20
40
60
80
100
120
012345678
ID C (A m ps)
M P I4 040R 4-1R5
0
20
40
60
80
100
120
01234567
IDC(Am ps)
M P I4 040R 4-2R2
0
20
40
60
80
100
120
0123456
ID C (A m ps)
M P I4 0 4 0 R 4-3R3
0
20
40
60
80
100
120
0123456
IDC(Am ps)
M P I4 040R 4-4R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com