Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87352 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP87352
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87352 Datasheet(HTML) 5 Page - Sony Corporation

  CXP87352 Datasheet HTML 1Page - Sony Corporation CXP87352 Datasheet HTML 2Page - Sony Corporation CXP87352 Datasheet HTML 3Page - Sony Corporation CXP87352 Datasheet HTML 4Page - Sony Corporation CXP87352 Datasheet HTML 5Page - Sony Corporation CXP87352 Datasheet HTML 6Page - Sony Corporation CXP87352 Datasheet HTML 7Page - Sony Corporation CXP87352 Datasheet HTML 8Page - Sony Corporation CXP87352 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
– 5 –
CXP87352/87360
Output/
Real time
output
Output/
Real time
output
I/O/
Real time
output
I/O/
Real time
output
I/O
Input/Input/Output
Input/Input/Input/
Output
Output/Output
Output/Output
Output/Output
Output/Output
Output/Output
Output/Output
Input
Input/Input
Output/Input
I/O
Ouput
Input
Input
(Port A)
8-bit output port. Data is
gated with PPO contents by
OR-gate and they are output.
(8 pins)
(Port B)
8-bit output port. Data is
gated with PPO contents by
OR-gate and they are output.
(8 pins)
(Port C)
8-bit I/O port, enables to
specify I/O by bit unit.
Data is gated with PPO or
RTO contents by OR-gate
and they are output.
(8 pins)
(Port D)
8-bit I/O port. Enable to specify I/O by 4-bit unit.
Enables to drive 12mA sink current.
(8 pins)
(Port E)
8-bit port.
Lower 2 bits
are input pins
and upper 6
bits are output
pins.
(8 pins)
Analog input pins to A/D converter. (12 pins)
(Port F)
Lower 4 bits are input port and upper 4 bits are output port.
Lower 4 bits also serve as standby release input pin.
(8 pins)
Serial clock (CH0) I/O pin.
Serial data (CH0) output pin.
Serial data (CH0) input pin.
Serial chip select (CH0) input pin.
External event
input pin for
timer/counter.
Input pin to request
external interruption.
Active when falling edge.
Input pin to request external interruption.
Active when falling edge.
PC3 can be 3-state controlled with RTG.
System clock frequency division output.
PWM output pins.
(2 pins)
DA gate pulse output pins.
(4 pins)
Programmable pattern generator (PPG)
output.
Functions as high precision real time
pulse output port.
(19 pins)
PB0 and PB2 can be 3-state controlled
with PPG.
Real time pulse generator (RTG) output.
Functions as high precision real time
pulse output port. (5 pins)
Symbol
I/O
Description
PA0/PPO0
to
PA7/PPO7
PB0/PPO8
to
PB7/PPO15
PC0/PPO16
to
PC2/PPO18
PC3/RTO3
to
PC7/RTO7
PD0 to PD7
PE0/INT0/
CKOUT
PE1/EC/INT2/
HCOUT
PE2/PWM0
PE3/PWM1
PE4/DAA0
PE5/DAA1
PE6/DAB0
PE7/DAB1
AN0 to AN3
PF0/AN4
to
PF3/AN7
PF4/AN8
to
PF7/AN11
SCK0
SO0
SI0
CS0
Pin Description
Coinsidence
signal output of
HSYNC counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com